Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6132AIMNOPB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6132AIMNOPB
Description  LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6132AIMNOPB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM6132AIMNOPB Datasheet HTML 3Page - National Semiconductor (TI) LM6132AIMNOPB Datasheet HTML 4Page - National Semiconductor (TI) LM6132AIMNOPB Datasheet HTML 5Page - National Semiconductor (TI) LM6132AIMNOPB Datasheet HTML 6Page - National Semiconductor (TI) LM6132AIMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM6132AIMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM6132AIMNOPB Datasheet HTML 9Page - National Semiconductor (TI) LM6132AIMNOPB Datasheet HTML 10Page - National Semiconductor (TI) LM6132AIMNOPB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM6132
www.ti.com
SNOS751D – APRIL 2000 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
TA = 25°C, RL = 10 kΩ unless otherwise specified
IBIAS
IBIAS
vs.
vs.
VCM
VCM
Figure 9.
Figure 10.
Input Bias Current
Negative PSRR
vs.
vs.
Supply Voltage
Frequency
Figure 11.
Figure 12.
Positive PSSR
dVOS
vs.
vs.
Frequency
Output Voltage
Figure 13.
Figure 14.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM6132


Similar Part No. - LM6132AIMNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132AIM NSC-LM6132AIM Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132AIM TI1-LM6132AIM Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6132AIM/NOPB TI1-LM6132AIM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6132AIMX NSC-LM6132AIMX Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132AIMX TI1-LM6132AIMX Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
More results

Similar Description - LM6132AIMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6152 NSC-LM6152 Datasheet
354Kb / 11P
   Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6152 TI1-LM6152 Datasheet
1Mb / 23P
[Old version datasheet]   LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com