Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1535 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # SR1535
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SR1535 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  SR1535 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SR1535 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
SR1535 THRU SR1560
CHENYI ELECTRONICS
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 35 to 60 Volts
Forward Current - 15Amperes
FEATURES
. Plastic package has Underwriters Laboratory Flammability Classification 94V-0
. Metal sliicon junction ,majority carriet conduction
. Guard ring for overcoltage protection
. Low power loss,high efficiency
. High current capability ,Low forward voltage drop
. High surge capability
. For use in low voltage ,high frequency inverters,
free wheeling , and polarilty protection applications
. Dual rectifier construction
. High temperature soldering guaranteed: 250
/10 seconds
0.25"(6.35mm)from case
MECHANICAL DATA
. Case: JEDEC DO-220AB molded plastic body
. Terminals: lead solderable per MIL-STD-750,method 2026
. Polarity: As marked. No suffix indicates Common Cathode, suffix"A"
indicates Common Anode
. Mounting Position: Any
. Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave,resistive or inductive)
load. For capacitive load,derate by 20%)
Symbols SR1535 SR1545 SR1550 SR1560
Units
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
Volts
Maximum RMS voltage
VRMS
25
32
35
42
Volts
Maximum DC blocking voltage
VDC
35
45
50
60
Volts
Macimum average forward rectified
current(see Fig.1)
Repetitive peak forward current(square wavr,
20KHz) at Tc=105
Peak forward surge current 8.3ms singel half
sine-wave superimposed on rated load
(JEDEC method)
Maximum instantaneous forward voltage at 10 A(Note 1)
VF
Volts
Maximum instantaneous reverse
TA=25
current at rated DC blocking voltage(Note 1)
TA=125
Operating junction temperature range
TJ
storage temperature range
TSTG
Notes: 1. Pulse test: 300
s
pulse width,1% duty cycle
2.Thermal resistance from juntion to case
IFSM
Amps
I(AV)
Amps
IFRM
Amps
IR
mA
15
50
Typeical thermal resistance(Note 2)
R
JC
/W
2.5
-65 to +150
-65 to +175
7.5
15.0
15.0
150.0
0.65
0.75
1.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - SR1535

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SR1535 CHENYI-SR1535 Datasheet
181Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR1535 JINANJINGHENG-SR1535 Datasheet
175Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SR1535 GXELECTRONICS-SR1535 Datasheet
350Kb / 2P
   SCHOTTKY BARRIER RECTIFLER
logo
Jinan Jing Heng Electro...
SR1535 JINGHENG-SR1535 Datasheet
79Kb / 2P
   Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SR1535 SAMYANG-SR1535 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1535

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com