Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6134 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6134
Description  LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6134 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6134_14 Datasheet HTML 1Page - National Semiconductor (TI) LM6134_14 Datasheet HTML 2Page - National Semiconductor (TI) LM6134_14 Datasheet HTML 3Page - National Semiconductor (TI) LM6134_14 Datasheet HTML 4Page - National Semiconductor (TI) LM6134_14 Datasheet HTML 5Page - National Semiconductor (TI) LM6134_14 Datasheet HTML 6Page - National Semiconductor (TI) LM6134_14 Datasheet HTML 7Page - National Semiconductor (TI) LM6134_14 Datasheet HTML 8Page - National Semiconductor (TI) LM6134_14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM6132
www.ti.com
SNOS751D – APRIL 2000 – REVISED FEBRUARY 2013
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
Check for Samples: LM6132
1
FEATURES
DESCRIPTION
The LM6132/34 provides new levels of speed vs.
2
(For 5V Supply, Typ Unless Noted)
power performance in applications where low voltage
Rail-to-Rail Input CMVR
−0.25V to 5.25V
supplies
or
power
limitations
previously
made
Rail-to-Rail Output Swing 0.01V to 4.99V
compromise necessary. With only 360
μA/amp supply
current, the 10 MHz gain-bandwidth of this device
High Gain-Bandwidth, 10 MHz at 20 kHz
supports new portable applications where higher
Slew Rate 12 V/
μs
power devices unacceptably drain battery life.
Low Supply Current 360
μA/Amp
The LM6132/34 can be driven by voltages that
Wide Supply Range 2.7V to over 24V
exceed both power supply rails, thus eliminating
CMRR 100 dB
concerns over exceeding the common-mode voltage
range. The rail-to-rail output swing capability provides
Gain 100 dB with RL = 10k
the maximum possible dynamic range at the output.
PSRR 82 dB
This is particularly important when operating on low
supply voltages. The LM6132/34 can also drive large
APPLICATIONS
capacitive loads without oscillating.
Battery Operated Instrumentation
Operating on supplies from 2.7V to over 24V, the
Instrumentation Amplifiers
LM6132/34 is excellent for a very wide range of
applications, from battery operated systems with
Portable Scanners
large
bandwidth
requirements
to
high
speed
Wireless Communications
instrumentation.
Flat Panel Display Driver
Connection Diagram
Figure 1. 8-Pin SOIC/PDIP (Top View)
Figure 2. 14-Pin SOIC/PDIP (Top View)
See Package Number D and P
See Package Number D and NFF0014A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM6134_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6134AIM NSC-LM6134AIM Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6134AIM TI1-LM6134AIM Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6134AIM/NOPB TI1-LM6134AIM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6134AIMX NSC-LM6134AIMX Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6134AIMX TI1-LM6134AIMX Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
More results

Similar Description - LM6134_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6152 NSC-LM6152 Datasheet
354Kb / 11P
   Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6152 TI1-LM6152 Datasheet
1Mb / 23P
[Old version datasheet]   LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com