Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKD710JB0G105M030A Datasheet(PDF) 4 Page - TDK Electronics

Part # CKD710JB0G105M030A
Description  Multilayer Ceramic Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD710JB0G105M030A Datasheet(HTML) 4 Page - TDK Electronics

  CKD710JB0G105M030A Datasheet HTML 1Page - TDK Electronics CKD710JB0G105M030A Datasheet HTML 2Page - TDK Electronics CKD710JB0G105M030A Datasheet HTML 3Page - TDK Electronics CKD710JB0G105M030A Datasheet HTML 4Page - TDK Electronics CKD710JB0G105M030A Datasheet HTML 5Page - TDK Electronics CKD710JB0G105M030A Datasheet HTML 6Page - TDK Electronics CKD710JB0G105M030A Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
001-01 / 20140110 / e4161_ckd.fm
All specifications are subject to change without notice.
(4/7)
SHAPES AND DIMENSIONS
RECOMMENDED LAND PATTERN
* Make sure to connect the GND terminal of this product and the GND of the mounting circuit board by using through holes so that the distance between
them is the shortest.
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
: Please specify packing style code, B (ø178 reel 2mm-pitch) or E (ø330 reel 2mm-pitch).
ELECTRICAL CHARACTERISTICS GRAPH (EXAMPLE)
INSERTION LOSS vs. FREQUENCY CHARACTERISTICS
CKD Series CKD710JB Type
Part No.
L
W
T
CKD710JB0J474M030
A
1.00±0.05
0.55±0.05
0.30±0.05
CKD710JB0J474S030
A
1.00±0.05
0.55±0.05
0.30±0.05
CKD710JB0G105M030
A
1.00±0.05
0.55±0.05
0.30±0.05
CKD710JB0G105S030
A
1.00±0.05
0.55±0.05
0.30±0.05
CKD710JB0G435M045
A
1.05±0.05
0.65±0.05
0.45±0.05
Part No.
Capacitance
(µF)
Tolerance
(%)
Rated voltage
Edc
(V)
Rated current
Idc
(A)
Operating
temperature range
(°C)
CKD710JB0J474M030
A
0.47
±20
6.3
2
–55 to +105
CKD710JB0J474S030
A
0.47
+50/–20
6.3
2
–55 to +105
CKD710JB0G105M030
A
1.0
±20
4
2
–55 to +105
CKD710JB0G105S030
A
1.0
+50/–20
4
2
–55 to +105
CKD710JB0G435M030
A
4.3
±20
4
2
–55 to +85
0.30±0.08
L
2
GND
GND
4
1
IN/OUT
3
OUT/IN
0.17±0.08
0.70
0.30
0.19
Land pattern+Solder resist
Land pattern
Dimensions in mm
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
10000
Frequency(MHz)
0G105
0J474
0G435


Similar Part No. - CKD710JB0G105M030A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD710JB0G105M030A TDK-CKD710JB0G105M030A Datasheet
841Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
CKD710JB0G105M030A TDK-CKD710JB0G105M030A Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
More results

Similar Description - CKD710JB0G105M030A

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com