Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL201 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # RL201
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

RL201 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  RL201 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech RL201 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
RL201 THRU RL207
CHENYI ELECTRONICS
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0Amperes
FEATURES
. The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
. Construction utilizes void-free molded plastic technique
. High surge current capability
. 2.0A operation at
TL=75
with no thermal runaway
. Low reverse leakage
. High temperature soldering guaranteed: 250
/10 seconds,
0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
MECHANICAL DATA
. Case: JEDEC DO-15 molded plastic body
. Terminals: lead solderable per MIL-STD-750,method 2026
. Polarity: Color band denotes cathode end
. Mounting Position: Any
. Weight: 0.014 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate by 20%)
Symbols
RL
201
RL
202
RL
203
RL
204
RL
205
RL
206
RL
207
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
300
400
600
200
1000
Volts
Maximum RMS voltage
VRMS
35
70
210
280
420
140
700
Volts
Maximum DC blocking voltage
VDC
50
100
300
400
600
200
1000
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=70
Peak forward surge current 8.3ms
sing-wave superimposed on rated load
(JEDEC method)
TA=70
Maximum instantaneous forward voltage at 1.5 A
VF
Volts
Maximum reverse
TA=25
current at rated DC blocking voltage
TA=100
Typeical thermal resistance(Note 2)
R
JA
/W
Typical junction Capacitance(Note 1)
CJ
pF
TJ
TSTG
Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V DC
2.Thermal resistance from juntion to ambient and from junction lead at 0.375"(9.5mm)lead length,
P.C.B. Mounted
1.1
5.0
50.0
20.0
Operating and storage temperature range
40.0
IR
A
-50 to +175
I(AV)
Amps
IFSM
Amps
2.0
70.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
   SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
SHENZHEN KOO CHIN ELECT...
RL201 KOOCHIN-RL201 Datasheet
143Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
First Components Intern...
RL201 FCI-RL201 Datasheet
139Kb / 2P
   2.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS LOW COST
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
48Kb / 4P
   2.0A STANDARD DIODE
logo
Goodwork Semiconductor ...
RL201 GWSEMI-RL201 Datasheet
64Kb / 2P
   2.0 AMP SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com