Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHCT86 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT86
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT86 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT86 Datasheet HTML 1Page - Unisonic Technologies U74AHCT86 Datasheet HTML 2Page - Unisonic Technologies U74AHCT86 Datasheet HTML 3Page - Unisonic Technologies U74AHCT86 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHCT86
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-651.A
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7
V
Input Voltage
VIN
-0.5 ~ +7
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±50
mA
Output Current (VOUT=0 ~ VCC)
IOUT
±25
mA
Input Clamp Current (VIN<0)
IIK
-20
mA
Output Clamp Current (VOUT<0 or VOUT> VCC)
IOK
±20
mA
Storage Temperature
TSTG
-65 ~ + 150
°C
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
Δt/Δv
VCC=5.0±0.5V
20
ns/V
Operating Temperature
TA
-40
+25
+85
ELECTRICAL CHARACTERISTICS(TA=25℃,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC =4.5V ~ 5.5V
2.0
V
Low-Level Input Voltage
VIL
VCC =4.5V ~ 5.5V
0.8
V
VCC=4.5V, IOH=-50μA
4.4
4.5
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-8mA
3.94
V
VCC=4.5V, IOL=50μA
0.1
Low-Level Output Voltage
VOL
VCC=4.5V, IOL=8mA
0.36
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND,VCC =0V to 5.5V
0.1
μA
Quiescent Supply Current
ICC
VIN=VCC or GND,IOUT=0,VCC =5.5V
2
μA
Additional quiescent Supply Current
Δ ICC
VCC=5.5V, One input at 3.4V,
other input at VCC or GND, IOUT=0
1.35
mA
Input Capacitance
CIN
VCC=5.0V, VIN=VCC or GND
4
10
pF
SWITCHING CHARACTERISTICS(TA=25℃,see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
CL =15 pF
5
6.9
Propagation delay from input (A or B)
to output(Y)
tPLH / tPHL VCC =5.0V±0.5V
CL =50 pF
5.5
8.8
ns
Power Dissipation Capacitance
CPD
No load, f=1MHz
18
pF


Similar Part No. - U74AHCT86

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT86G-S14-R UTC-U74AHCT86G-S14-R Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
U74AHCT86G-S14-T UTC-U74AHCT86G-S14-T Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
U74AHCT86L-S14-R UTC-U74AHCT86L-S14-R Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
U74AHCT86L-S14-T UTC-U74AHCT86L-S14-T Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
U74AHCT86 UTC-U74AHCT86_15 Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - U74AHCT86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-EP TI1-SN74LVC86A-EP Datasheet
534Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-EP TI1-SN74LV86A-EP Datasheet
512Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI1-74AC11086_15 Datasheet
260Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-Q1 TI1-SN74LV86A-Q1 Datasheet
189Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com