Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHCT3G17G-P08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74AHCT3G17G-P08-R
Description  NON-INVERTING SCHMITT TRIGGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT3G17G-P08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74AHCT3G17G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT3G17G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
U74AHCT3G17
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-694.A
TEST CIRCUIT AND WAVEFORMS
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance ZO of the pulse generator.
VCC
INPUTS
VM
CL
VIN
tR, tF
4.5 to 5.5V
GND to 3.0 V
≤3ns
1.5 V
15 or 50 pF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74AHCT3G17G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT3G17G-P08-R UTC-U74AHCT3G17G-P08-R Datasheet
176Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
More results

Similar Description - U74AHCT3G17G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC3G17 UTC-U74AHC3G17 Datasheet
173Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
U74AHCT3G17 UTC-U74AHCT3G17_15 Datasheet
176Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
U74AHC3G17 UTC-U74AHC3G17_15 Datasheet
173Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
logo
Nexperia B.V. All right...
74HC7014-Q100 NEXPERIA-74HC7014-Q100 Datasheet
833Kb / 12P
   Hex non-inverting precision Schmitt-trigger
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014 Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com