Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHCT3G14L-P08-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT3G14L-P08-T
Description  SCHMITT-TRIGGER INVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT3G14L-P08-T Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT3G14L-P08-T Datasheet HTML 1Page - Unisonic Technologies U74AHCT3G14L-P08-T Datasheet HTML 2Page - Unisonic Technologies U74AHCT3G14L-P08-T Datasheet HTML 3Page - Unisonic Technologies U74AHCT3G14L-P08-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHCT3G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-729.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Voltage
VIN
-0.5 ~ 7.0
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±75
mA
Output Current
IOUT
±25
mA
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOK
±20
mA
Operating Temperature
TOPR
-40 ~ + 85
Storage Temperature
TSTG
-65 ~ + 150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
ELECTRICAL CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive-going threshold
VT+
VCC=4.5 V
2.0
V
VCC=5.5 V
2.0
Negative-going threshold
VT-
VCC=4.5 V
0.5
V
VCC=5.5 V
0.6
Hysteresis (VT+ - VT-)
ΔVT
VCC=4.5 V
0.4
1.4
V
VCC=5.5 V
0.4
1.6
High-Level Output Voltage
VOH
IOH=-50μA, VCC=4.5 V
4.4
4.5
V
IOH=-8mA, VCC=4.5 V
3.94
Low-Level Output Voltage
VOL
IOL=50μA, VCC=4.5 V
0
0.1
V
IOL=8mA, VCC=4.5 V
0.36
Input Leakage Current
II(LEAK)
VIN=VIH or VIL,
0.1
μA
Quiescent Supply Current
ICC
VIN=VCC or GND,
IOUT=0, VCC=5.5 V
1.0
μA
Additional quiescent supply
current per input pin
∆ICC
VIN=3.4V, VCC=5.5 V, IOUT=0,
other inputs at VCC or GND
1.35
mA
Input Capacitance
CIN
VIN=VCC or GND, VCC=5 V
1.5
10
pF
SWITCHING CHARACTERISTICS (TA=25°С, tR = tF ≤ 3.0 ns)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(nA) to output(nY)
tPHL /tPLH
VCC=5.0V, CL = 15pF
4.1
ns
VCC=5.0V, CL = 50pF
5.9
VCC=4.5 to 5.5V, CL = 15pF
7.0
VCC=4.5 to 5.5V, CL = 50pF
8.5


Similar Part No. - U74AHCT3G14L-P08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT3G14L-P08-T UTC-U74AHCT3G14L-P08-T Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
More results

Similar Description - U74AHCT3G14L-P08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14_15 Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
logo
E-Tech Electronics LTD
MC74VHC1G14 ETL-MC74VHC1G14 Datasheet
571Kb / 4P
   Schmitt-Trigger Inverter
logo
Leshan Radio Company
L74VHC1G14 LRC-L74VHC1G14 Datasheet
211Kb / 6P
   Schmitt-Trigger Inverter
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14 Datasheet
182Kb / 8P
   Schmitt-Trigger Inverter
November, 1999 ??Rev. 1
logo
First Silicon Co., Ltd
FC74VHC1G14 FS-FC74VHC1G14 Datasheet
399Kb / 4P
   Schmitt-Trigger Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74LV14 SLS-SL74LV14 Datasheet
43Kb / 6P
   Hex Schmitt-Trigger Inverter
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74AHC14Q-Q1 TI-SN74AHC14Q-Q1 Datasheet
198Kb / 9P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74HC14A ONSEMI-MC74HC14A Datasheet
138Kb / 8P
   Hex Schmitt-Trigger Inverter
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com