Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHCT3G14G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHCT3G14G-P08-R
Description  SCHMITT-TRIGGER INVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT3G14G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHCT3G14G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT3G14G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT3G14G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT3G14G-P08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
U74AHCT3G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-729.A
TEST CIRCUIT AND WAVEFORMS
Propagation delay times Inverting and noninverting outputs
Note: CL includes probe and jig capacitance.
PRR ≤1MHz, ZO = 50Ω, tR ≤3ns, tF ≤3ns.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74AHCT3G14G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT3G14G-P08-R UTC-U74AHCT3G14G-P08-R Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
More results

Similar Description - U74AHCT3G14G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14_15 Datasheet
186Kb / 4P
   SCHMITT-TRIGGER INVERTER
logo
E-Tech Electronics LTD
MC74VHC1G14 ETL-MC74VHC1G14 Datasheet
571Kb / 4P
   Schmitt-Trigger Inverter
logo
Leshan Radio Company
L74VHC1G14 LRC-L74VHC1G14 Datasheet
211Kb / 6P
   Schmitt-Trigger Inverter
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14 Datasheet
182Kb / 8P
   Schmitt-Trigger Inverter
November, 1999 ??Rev. 1
logo
First Silicon Co., Ltd
FC74VHC1G14 FS-FC74VHC1G14 Datasheet
399Kb / 4P
   Schmitt-Trigger Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74LV14 SLS-SL74LV14 Datasheet
43Kb / 6P
   Hex Schmitt-Trigger Inverter
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74AHC14Q-Q1 TI-SN74AHC14Q-Q1 Datasheet
198Kb / 9P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74HC14A ONSEMI-MC74HC14A Datasheet
138Kb / 8P
   Hex Schmitt-Trigger Inverter
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com