Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHC373G-S20-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74AHC373G-S20-T
Description  OCTAL D-TYPE FLIP-FLOPS WITH DATA ENABLE POSITIVE-EDGE TRIGGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC373G-S20-T Datasheet(HTML) 6 Page - Unisonic Technologies

  U74AHC373G-S20-T Datasheet HTML 1Page - Unisonic Technologies U74AHC373G-S20-T Datasheet HTML 2Page - Unisonic Technologies U74AHC373G-S20-T Datasheet HTML 3Page - Unisonic Technologies U74AHC373G-S20-T Datasheet HTML 4Page - Unisonic Technologies U74AHC373G-S20-T Datasheet HTML 5Page - Unisonic Technologies U74AHC373G-S20-T Datasheet HTML 6Page - Unisonic Technologies U74AHC373G-S20-T Datasheet HTML 7Page - Unisonic Technologies U74AHC373G-S20-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
U74AHC377
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-A48.A
DYNAMIC CHARACTERISTICS (tr = tf ≤3ns, ground=0V, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
maximum frequency
fMAX
VCC=3V to 3.6V, CL=15pF
80
125
ns
VCC=3V to 3.6V, CL=50pF
50
75
VCC=4.5V to 5.5V, CL=15pF
125
175
VCC =4.5V to 5.5V, CL=50pF
85
120
propagation delay, From CP to Qn
tPD
VCC=3V to 3.6V, CL=15pF
5.6
12.8
ns
VCC=3V to 3.6V, CL=50pF
8
16
VCC=4.5V to 5.5V, CL=15pF
3.9
9
VCC=4.5V to 5.5V, CL=50pF
5.6
10.5
pulse width CP, From HIGH or LOW
tW
VCC=3V to 3.6V
5
ns
VCC=4.5V to 5.5V
5
set-up time Dn, From EN to CP
tSU
VCC=3V to 3.6V
5
ns
VCC=4.5V to 5.5V
4.5
hold time Dn, From EN to CP
tH
VCC=3V to 3.6V
1.5
ns
VCC=4.5V to 5.5V
2
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power Dissipation Capacitance
CPD
f=1MHz; VI=GND to VCC
20
pF
Note: tPLH and tPHL are the same as tPD.


Similar Part No. - U74AHC373G-S20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC373G-P20-R UTC-U74AHC373G-P20-R Datasheet
270Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74AHC373G-P20-R UTC-U74AHC373G-P20-R Datasheet
284Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74AHC373G-R20-R UTC-U74AHC373G-R20-R Datasheet
270Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74AHC373G-R20-T UTC-U74AHC373G-R20-T Datasheet
284Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - U74AHC373G-S20-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
Nexperia B.V. All right...
74LVC377 NEXPERIA-74LVC377 Datasheet
236Kb / 12P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HCT377 NEXPERIA-74HCT377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
   Octal D-type flip-flop with data enable; positive-edge trigger
logo
NXP Semiconductors
74HC377 PHILIPS-74HC377 Datasheet
60Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74LVC377 PHILIPS-74LVC377 Datasheet
95Kb / 10P
   Octal D-type flip-flop with data enable; positive-edge trigger
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com