Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHC595L-S16-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U74AHC595L-S16-T
Description  8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC595L-S16-T Datasheet(HTML) 7 Page - Unisonic Technologies

  U74AHC595L-S16-T Datasheet HTML 1Page - Unisonic Technologies U74AHC595L-S16-T Datasheet HTML 2Page - Unisonic Technologies U74AHC595L-S16-T Datasheet HTML 3Page - Unisonic Technologies U74AHC595L-S16-T Datasheet HTML 4Page - Unisonic Technologies U74AHC595L-S16-T Datasheet HTML 5Page - Unisonic Technologies U74AHC595L-S16-T Datasheet HTML 6Page - Unisonic Technologies U74AHC595L-S16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
U74AHC595
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-997.B
TEST CIRCUIT AND WAVEFORMS
CL
(Note 1)
From Output
RL=1KΩ
VCC
K1
K2
Note: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics:
PRR ≤1MHZ, ZO=50Ω, tr ≤3ns, tf ≤3ns.
3. The outputs are measured one at a time, with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74AHC595L-S16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC595G-P16-R UTC-U74AHC595G-P16-R Datasheet
263Kb / 7P
   8-BIT SHIFT REGISTER
U74AHC595G-R16-R UTC-U74AHC595G-R16-R Datasheet
263Kb / 7P
   8-BIT SHIFT REGISTER
U74AHC595G-S16-R UTC-U74AHC595G-S16-R Datasheet
263Kb / 7P
   8-BIT SHIFT REGISTER
U74AHC595 UTC-U74AHC595_15 Datasheet
263Kb / 7P
   8-BIT SHIFT REGISTER
More results

Similar Description - U74AHC595L-S16-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV595A-Q1 TI1-SN74LV595A-Q1 Datasheet
219Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74LV595A-EP TI1-SN74LV595A-EP Datasheet
588Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74AHC595-Q1 TI1-SN74AHC595-Q1 Datasheet
210Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI1-SN54HC595_15 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com