Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHC373 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74AHC373
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC373 Datasheet(HTML) 5 Page - Unisonic Technologies

  U74AHC373 Datasheet HTML 1Page - Unisonic Technologies U74AHC373 Datasheet HTML 2Page - Unisonic Technologies U74AHC373 Datasheet HTML 3Page - Unisonic Technologies U74AHC373 Datasheet HTML 4Page - Unisonic Technologies U74AHC373 Datasheet HTML 5Page - Unisonic Technologies U74AHC373 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74AHC373
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-669.B
TEST CIRCUIT AND WAVEFORMS
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
VCC
Input
VM
VLOAD
CL
RL
V
VIN
tR, tF
3.3V±0.3V
VCC
≤3ns
VCC/2
VCC
15pF
1kΩ
0.3V
50pF
5V±0.5V
VCC
≤3ns
VCC/2
VCC
15pF
1kΩ
0.5V
50pF
VM
VIN
0V
Pulse Duration
tW
Input
VM
VIN
0V
Setup and Hold Times
tSU
VM
Timing Input
Data Input
tH
VM
VM


Similar Part No. - U74AHC373

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC373G-P20-R UTC-U74AHC373G-P20-R Datasheet
256Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH DATA ENABLE POSITIVE-EDGE TRIGGER
U74AHC373G-P20-R UTC-U74AHC373G-P20-R Datasheet
284Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74AHC373G-P20-T UTC-U74AHC373G-P20-T Datasheet
256Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH DATA ENABLE POSITIVE-EDGE TRIGGER
U74AHC373G-R20-T UTC-U74AHC373G-R20-T Datasheet
284Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74AHC373G-S20-R UTC-U74AHC373G-S20-R Datasheet
256Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH DATA ENABLE POSITIVE-EDGE TRIGGER
More results

Similar Description - U74AHC373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com