Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT050 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT050
Description  Accessories Hardware
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT050 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT050 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT050 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Accessories & Hardware
www.nkk.com
Y8
Y
AT209
ON-OFF Plate for 6mm
Threaded Bushing
Brass with nickel plating
Series: M P
AT210
ON-OFF Plate for 6mm
Threaded Bushing
Aluminum
Colors: Red & black ink
Series: M P
AT211
ON-OFF Plate for 6mm
Threaded Bushing
Aluminum
Colors: Red & black enamel
Series: M P
AT212
Bezel for 2 AT617 LEDs
Polycarbonate
Color: A
Series: EB M MB24 MB25
AT213
Bezel for 2 AT618 LEDs
Polycarbonate
Color: A
Series: EB M MB24 MB25
AT215
ON-OFF Plate for 12mm
Threaded Bushing
Aluminum
Colors: Red & black enamel
Series: M P S
AT217
Barrier
Polyamide
Colors: A B H
Series: JWM
AT219
Barrier
Polyamide
Colors: A
Series: JWS
(7.2)
.283
(30.0)
1.181
(22.2)
.874
(25.0)
.984
(8.15)
.321
(29.0)
1.142
(27.2)
1.071
(35.0)
1.378
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(24.0)
.945
(20.5)
.807
(19.5)
.768
(7.0)
.276
(10.0) Dia
.394
(18.0) Dia
.710
(6.1) Dia
.240
(5.0)
.197
(0.5)
.020
(11.0)
.433
(21.0)
.827
(6.1) Dia
.240
(0.5)
.020
(21.5) Sq
.846
(11.8)
.465
(10.0)
.394
(12.0)
.472
(2.2)
.087
(7.8)
.307
(3.0) Dia Typ
.118
(8.0)
.315
(11.8)
.465
(10.0)
.394
(12.0)
.472
(2.2)
.087
(7.8)
.307
(21.5) Sq
.846
(5.0) Typ
.197
(8.0)
.315
(2.0) Typ
.079
(28.0) Dia
1.102
(8.0)
.315
(0.5)
.020
(12.1) Dia
.476
(17.2) Dia
.677
(35.0)
1.378
(21.0)
.827
(12.1) Dia
.476
(0.6)
.024
AT214
ON-OFF Plate for 12mm
Threaded Bushing
Aluminum
Colors: Red & black ink
Series: M P S
AT218
Barrier
Polyamide
Colors: A B H
Series: JWL
(18.0) Dia
.710
(10.0) Dia
.394
(6.1) Dia
.240
(0.5)
.020
(5.0)
.197


Similar Part No. - AT050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT050 ETC-AT050 Datasheet
3Mb / 33P
   Accessories & Hardware
AT050 ETC-AT050 Datasheet
3Mb / 34P
   Accessories Hardware
More results

Similar Description - AT050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT4002 ETC-AT4002 Datasheet
3Mb / 34P
   Accessories Hardware
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
   Accessories & Hardware
NTE435P6 ETC2-NTE435P6 Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
logo
List of Unclassifed Man...
A631-2 ETC2-A631-2 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
logo
List of Unclassifed Man...
A465 ETC2-A465 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
CONEC Elektronische Bau...
160X10259X CONEC-160X10259X Datasheet
76Kb / 1P
   D-SUB Hardware accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com