Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SECG1D0EC-S Datasheet(PDF) 8 Page - Sanken electric

Part # SECG1D0EC-S
Description  3.0*1.4 Flat View LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECG1D0EC-S Datasheet(HTML) 8 Page - Sanken electric

Back Button SECG1D0EC-S Datasheet HTML 3Page - Sanken electric SECG1D0EC-S Datasheet HTML 4Page - Sanken electric SECG1D0EC-S Datasheet HTML 5Page - Sanken electric SECG1D0EC-S Datasheet HTML 6Page - Sanken electric SECG1D0EC-S Datasheet HTML 7Page - Sanken electric SECG1D0EC-S Datasheet HTML 8Page - Sanken electric SECG1D0EC-S Datasheet HTML 9Page - Sanken electric SECG1D0EC-S Datasheet HTML 10Page - Sanken electric SECG1D0EC-S Datasheet HTML 11Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LED Data Sheet - SECG1D0EC-S
● Reliability test
    SANKEN ELECTRIC COMPANY, LTD.
Test Items
EIAJ ED-4701
Test Conditions
Life
Steady state operating life
-
Ta=RT、Ifmax
Tests
t=1000h
High temperature storage
201
Ta=Tstgmax
t=1000h
Low temperature storage
202
Ta=Tstgmin
Environ
t=1000h
-mental Moisture Resistance
103
Ta=60±5℃、RH=90±5%
Tests
t=1000h
Temperature cycle
105
Tstgmin(30min)~Tstgmax(30min)
100cycles
Soldering heat
301
T=260±5℃、t=10s、1time
Solderaibirity
402
T=245±5℃、t=5±1s、1time、Using flux for Pb free solder
Drop
-
H=1m、Drop on maple board、10times
Mesurement Item and Criterion Judge Failure
No
Measurement Item
Mark
Criterion Judge Failure
1
Forward Voltage
VF
OK≦V.F.S.×±20%
2
Reverse Current
IR
OK≦U.S.L..×2.0
3
Luminous Intensity
Iv
OK≧I.V.S.×0.5
*Solderability … The Lead shall be covered by solder at least 95%.
Mesurement conditions is based on specifications.
Tstgmax and Tstgmin is absolute maximum ratings.
IFmax and IFPmax is absolute maximum ratings.
U.S.L. is upper limit of standard.
V.F.S. is Initial data of VF.
I.V.S. is Initial data of Luminous Intensity.
Page 8 / 11


Similar Part No. - SECG1D0EC-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECG1D07C-SD SANKEN-SECG1D07C-SD Datasheet
185Kb / 11P
   High ESD tolerance
More results

Similar Description - SECG1D0EC-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU120EC-S SANKEN-SECU120EC-S Datasheet
180Kb / 10P
   3.0*1.4 Flat View LED
SECG1WA0EY-S SANKEN-SECG1WA0EY-S Datasheet
207Kb / 12P
   3.0*1.4 Flat View LED
SECU180EC-SA SANKEN-SECU180EC-SA Datasheet
178Kb / 10P
   3.0*1.4 Flat View LED
SECU190EC-S SANKEN-SECU190EC-S Datasheet
183Kb / 10P
   3.0*1.4 Flat View LED
logo
Everlight Electronics C...
28-21SURC-S530-XX-TR8 EVERLIGHT-28-21SURC-S530-XX-TR8 Datasheet
150Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SDRC-S530-XX-XXX EVERLIGHT-28-21SDRC-S530-XX-XXX Datasheet
249Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX_11 Datasheet
275Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
HK TO-GRACE TECHNOLOGY ...
28-21UYC-S530-XX-XXX TO-GRACE-28-21UYC-S530-XX-XXX Datasheet
592Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
Everlight Electronics C...
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX Datasheet
184Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
HK TO-GRACE TECHNOLOGY ...
28-21SDRC-S530-XX-XXX TO-GRACE-28-21SDRC-S530-XX-XXX Datasheet
895Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com