Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5254 Datasheet(PDF) 3 Page - Shanghai Lunsure Electronic Tech

Part # 1N5254
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N5254 Datasheet(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  1N5254 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N5254 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N5254 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech 1N5254 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CE
1N5221 THRU 1N5281
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
1N5250…1N5281 SILICON PLANAR ZENER DIODES
Temp.Coefficient
of zener diode
VZNOM 3)
IZT
TKVZ
V
mA
mA
A
V
%/K
1N5250
20
6.2
<25
15
<+0.086
1N5251
22
5.6
<29
17
<+0.087
1N5252
24
5.2
<33
18
<+0.088
1N5253
25
5.0
<35
19
<+0.089
1N5254
27
4.6
<41
21
<+0.090
1N5255
28
4.5
<44
21
<+0.091
1N5256
30
4.2
<49
23
<+0.091
1N5257
33
3.8
<58
<700
25
<+0.092
1N5258
36
3.4
<70
<700
27
<+0.093
1N5259
39
3.2
<80
<800
30
<+0.094
1N5260
43
3.0
<93
<900
33
<+0.095
1N5261
47
2.7
<105
<1000
36
<+0.095
1N5262
51
2.5
<125
<1100
39
<+0.096
1N5263
56
2.2
<150
<1300
43
<+0.096
1N5264
60
2.1
<170
<1400
46
<+0.097
1N5265
62
2.0
<185
<1400
47
<+0.097
1N5266
68
1.8
<230
<1600
52
<+0.097
1N5267
75
1.7
<270
<1700
56
<+0.098
1N5268
82
1.5
<330
<2000
62
<+0.098
1N5269
87
1.4
<370
<2200
68
<+0.099
1N5270
91
1.4
<400
<2300
69
<+0.099
1N5271
100
1.3
<500
75
<+0.100
1N5272
110
1.2
<700
83
<+0.100
1N5273
120
1.0
<950
90
<+0.100
1N5274
130
0.95
<1100
98
<+0.110
1N5275
140
0.90
<1300
105
<+0.110
1N5276
150
0.85
<1500
113
<+0.110
1N5277
160
0.80
<1700
120
<+0.115
1N5278
170
0.74
<1900
127
<+0.115
1N5279
180
0.68
<2200
135
<+0.120
1N5280
190
0.66
<2400
142
<+0.120
1N5281
200
0.65
<2500
150
<+0.120
(1)The Zener impedance is derived from the 60Hz Ac voltage which results when an AC current having an RMS value equal to 10% of
the Zener current (IZT) is suprimposed on IZT or IZK Zener impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
(2)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature.
(3) Measured under thermal equilibrium and DC test conditions.
<0.1
0.25
<600
Type
Zener Voltage Range1)
Maximum zener impedance 1)
Maximum Reverse
Leakage Current
rzjt and rzjk at Izk
IR 2) at VR
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 3 of 4


Similar Part No. - 1N5254

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5254 SURGE-1N5254 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Micro Commercial Compon...
1N5254 MCC-1N5254 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
First Silicon Co., Ltd
1N5254 FS-1N5254 Datasheet
766Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Seme LAB
1N5254 SEME-LAB-1N5254 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
EIC discrete Semiconduc...
1N5254 EIC-1N5254 Datasheet
122Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N5254

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com