Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL36DR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AL36DR
Description  Lock Kit for Cla mp Cover Junction Boxes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL36DR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AL36DR Datasheet HTML 1Page - List of Unclassifed Manufacturers AL36DR Datasheet HTML 2Page - List of Unclassifed Manufacturers AL36DR Datasheet HTML 3Page - List of Unclassifed Manufacturers AL36DR Datasheet HTML 4Page - List of Unclassifed Manufacturers AL36DR Datasheet HTML 5Page - List of Unclassifed Manufacturers AL36DR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Spec-00479 G
1
SUBJECT TO CHANGE WITHOUT NOTICE
Accessories
EQUIPMENT PROTECTION SOLUTIONS
Locks, Lockouts, LAtches, hAndLes And cLAmps Locks
Spec-00479
G763.422.2211
763.422.2600
Accessories
Locks, Lockouts, Latches, handLes and cLamps
Locks
Lock kit for cLAmp cover Junction Boxes
Designed for field installation in standard clamp-cover junction
boxes. Includes complete installation instructions. One hole must
be drilled or punched in the cover to receive the cylinder lock.
Punches for Hoffman locks and latches are available from Greenlee
Punches. For more information on Greenlee punches, go to
http://
www.greenlee.textron.com/
Bulletin: A80
Catalog Number
L (in.)
L (mm)
ACLJIC
1.25
32
Lock kit for type 3r And 12 encLosures
Designed for field installation in standard one-door Type 3R and 12
enclosures. Includes complete installation instructions. One hole
must be drilled or punched in the door to receive the cylinder lock.
Bulletin: A80
Catalog Number
L, for NEMA 12 Enclosure
in./mm
L, for Medium 3R Hinged-Cover Enclosure
in./mm
ACLSN12
1.69
43
2.25
57
pAdLock kit for Junction Boxes
Designed for field installation on
standard LP, CH and CHNF junction
boxes. Maintains water-tight and
dust-tight seal. To install simply
drill two holes in the cover and two
holes in the body. Includes complete
instructions. Padlock Kit is plated
steel or Type 316 stainless steel.
Bulletin: A80
Catalog Number
Description
APLKJIC
Plated steel
APLKJIC6SS
Type 316 stainless steel
repLAcement keys
Fits PROLINE™ Network Cabinet
and Networking Wall-Mount
Cabinet.
Bulletin: DAccY
Catalog Number
Key Code
Includes
Use with
E2233KEY
2233
2 Keys
PROLINE™ , Net Series, PC Cabinet, SOHO
E333KEY
333
2 Keys
ACCESSPLUS™ II, L-BOX™ , D-BOX™


Similar Part No. - AL36DR

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360 AVERLOGIC-AL360 Datasheet
2Mb / 2P
   Video Solutions Provider
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Altech corporation
AL3616-9 ALTECH-AL3616-9 Datasheet
97Kb / 1P
   ALUMINUM ENCLOSURE AL 3616-9
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
More results

Similar Description - AL36DR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638254900 MOLEX11-0638254900 Datasheet
32Kb / 1P
   Tool Kit for MP-Lock Female Terminal
ATS-638254900 MOLEX-ATS-638254900 Datasheet
596Kb / 8P
   Tool Kit for MP-Lock??Female Terminal
01-22-13
ATS-6382355HM MOLEX-ATS-6382355HM Datasheet
1Mb / 9P
   Tool Kit for 250 MP-Lock Terminal
03-09-11
ATS-6382548HM MOLEX-ATS-6382548HM Datasheet
589Kb / 8P
   Tool Kit for MP-Lock??Female Terminal
07-23-12
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
   Junction Boxes
logo
Pentair plc. All rights...
A606CHNFSS PENTAIR-A606CHNFSS Datasheet
340Kb / 2P
   Junction Boxes
logo
Amphenol Wilcoxon Sensi...
VLL WILCOXON-VLL Datasheet
376Kb / 2P
   Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
   Switchable junction boxes
Rev.B.1 10/18
logo
STI Vibration Monitorin...
CMCP310 STI-CMCP310 Datasheet
829Kb / 2P
   Switchable Output BNC Junction Boxes
V3.2 09/13/2019
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
   Dual output switchable junction boxes
Rev.B.1 10/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com