Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF120V18 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LF120V18
Description  PANELITE Enclosure Lights Overview
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LF120V18 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LF120V18 Datasheet HTML 1Page - List of Unclassifed Manufacturers LF120V18 Datasheet HTML 2Page - List of Unclassifed Manufacturers LF120V18 Datasheet HTML 3Page - List of Unclassifed Manufacturers LF120V18 Datasheet HTML 4Page - List of Unclassifed Manufacturers LF120V18 Datasheet HTML 5Page - List of Unclassifed Manufacturers LF120V18 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
accEssoriEs
4
PaNElitE™ wiriNg oPtioNs
See the table on the drawing for cable clearance dimensions.
89046495
230 vac FluorEscENt ENclosurE light
230 VAC, 50/60 Hz operation with
electronic ballast
Compact light-gray plastic
housing, UL 94V-0
Easy access to wiring terminals,
integral strain relief, 16 AWG max.
Versatile mounting to many
enclosure types
Complete assembly, long-life
fluorescent bulb included,
Luminosity 900 LM
Switch and Door motion sensor
offering
Bulletin: A80lt
Catalog Number
AxBxC in./mm
Description
LF230VM
1.57 x 13.58 x 3.58
40 x 345 x 91
Light Kit, 230VAC, Manual switch
LF230VD
1.57 x 13.58 x 3.58
40 x 345 x 91
Light Kit, 230VAC, IR Motion Sensor


Similar Part No. - LF120V18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF120 STMICROELECTRONICS-LF120 Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
logo
BELIMO AIRCONTROLS (USA...
LF120-SUS BELIMO-LF120-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 120 V, Auxiliary Switch
logo
List of Unclassifed Man...
LF1206A302R-10 ETC2-LF1206A302R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
LF1206A302R-10 LSTD-LF1206A302R-10 Datasheet
153Kb / 1P
   this print is the property of laird tech
logo
List of Unclassifed Man...
LF1206C202R-10 ETC2-LF1206C202R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
More results

Similar Description - LF120V18

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
logo
PHOENIX CONTACT
2702315 PHOENIX-2702315 Datasheet
45Kb / 2P
   Set for magnetic mounting of class 600 PLD enclosure lights
2702312 PHOENIX-2702312 Datasheet
48Kb / 1P
   Set for magnetic mounting of class 400 PLD enclosure lights
logo
Roithner LaserTechnik G...
QL85H6S-A ROITHNER-QL85H6S-A Datasheet
242Kb / 5P
   OVERVIEW
QL78J6S-A ROITHNER-QL78J6S-A Datasheet
243Kb / 3P
   OVERVIEW
logo
Xilinx, Inc
XC3S1000-4FGG320I XILINX-XC3S1000-4FGG320I Datasheet
5Mb / 272P
   Architectural Overview
DS099 XILINX-DS099 Datasheet
5Mb / 217P
   Architectural Overview
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com