Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEC1601C Datasheet(PDF) 7 Page - Sanken electric

Part # SEC1601C
Description  3.0*1.5 Surface Mount LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEC1601C Datasheet(HTML) 7 Page - Sanken electric

Back Button SEC1601C Datasheet HTML 2Page - Sanken electric SEC1601C Datasheet HTML 3Page - Sanken electric SEC1601C Datasheet HTML 4Page - Sanken electric SEC1601C Datasheet HTML 5Page - Sanken electric SEC1601C Datasheet HTML 6Page - Sanken electric SEC1601C Datasheet HTML 7Page - Sanken electric SEC1601C Datasheet HTML 8Page - Sanken electric SEC1601C Datasheet HTML 9Page - Sanken electric SEC1601C Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LED Data Sheet - SEC1601C
● Reliability test
    SANKEN ELECTRIC COMPANY, LTD.
Test Items
EIAJ ED-4701
Test Conditions
Life
Steady state operating life
-
Ta=RT、Ifmax
Tests
t=1000h
High temperature storage
201
Ta=Tstgmax
t=1000h
Low temperature storage
202
Ta=Tstgmin
Environ
t=1000h
-mental Moisture Resistance
103
Ta=60±5℃、RH=90±5%
Tests
t=1000h
Temperature cycle
105
Tstgmin(30min)~Tstgmax(30min)
100cycles
Soldering heat
301
T=260±5℃、t=10s、1time
Solderaibirity
402
T=245±5℃、t=5±1s、1time、Using flux for Pb free solder
Drop
-
H=1m、Drop on maple board、10times
Mesurement Item and Criterion Judge Failure
No
Measurement Item
Mark
Criterion Judge Failure
1
Forward Voltage
VF
OK≦V.F.S.×±20%
2
Reverse Current
IR
OK≦U.S.L..×2.0
3
Luminous Intensity
Iv
OK≧I.V.S.×0.5
*Solderability … The Lead shall be covered by solder at least 95%.
Mesurement conditions is based on specifications.
Tstgmax and Tstgmin is absolute maximum ratings.
IFmax and IFPmax is absolute maximum ratings.
U.S.L. is upper limit of standard.
V.F.S. is Initial data of VF.
I.V.S. is Initial data of Luminous Intensity.
Page 7 / 10


Similar Part No. - SEC1601C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1601C SANKEN-SEC1601C Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Flat Lens)
SEC1601C SANKEN-SEC1601C Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
More results

Similar Description - SEC1601C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECU1401C-TG SANKEN-SECU1401C-TG Datasheet
193Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1401C SANKEN-SEC1401C Datasheet
198Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1401E-TG SANKEN-SEC1401E-TG Datasheet
199Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1701C-YG SANKEN-SEC1701C-YG Datasheet
204Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1801C SANKEN-SEC1801C Datasheet
197Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1403E-TG SANKEN-SEC1403E-TG Datasheet
188Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1903C SANKEN-SEC1903C Datasheet
188Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1201C SANKEN-SEC1201C Datasheet
198Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1803C SANKEN-SEC1803C Datasheet
185Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1501C SANKEN-SEC1501C Datasheet
205Kb / 10P
   3.0*1.5 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com