Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-L3A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A-L3A
Description  Lock Kit for Cla mp Cover Junction Boxes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A-L3A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A-L3A Datasheet HTML 1Page - List of Unclassifed Manufacturers A-L3A Datasheet HTML 2Page - List of Unclassifed Manufacturers A-L3A Datasheet HTML 3Page - List of Unclassifed Manufacturers A-L3A Datasheet HTML 4Page - List of Unclassifed Manufacturers A-L3A Datasheet HTML 5Page - List of Unclassifed Manufacturers A-L3A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Spec-00479 G
5
SUBJECT TO CHANGE WITHOUT NOTICE
Accessories
EQUIPMENT PROTECTION SOLUTIONS
Locks, Lockouts, LAtches, hAndLes And cLAmps cLamps
cLamps
fAst-operAting cLAmp-cover Junction Box cLAmp
Provides quick access to enclosure
or wireway interiors. Installs on
standard clamp bracket used on
Hoffman junction boxes, Type
12 trough and wireway, Type
4X wireway and similar custom
enclosures. Clamps are available in
plated steel or stainless steel.
Bulletin: A80
Catalog Number
Description
AL23
Plated steel clamp
AL23SS
Stainless steel clamp
fAst-operAting cLAmp AssemBLy
Provides quick access to enclosures
which have screw clamps. Install on
clamp brackets used on single-door
Type 4, 4X, 12 and 13 enclosures and
similar custom order enclosures.
The entire clamp assembly is Type
316 stainless steel.
Bulletin: A80
Catalog Number
Qty.
AFC412SS
2
cLAmp kits
These kits provide replacement
clamps for clamp-cover junction
boxes and wall-mount enclosures.
Each kit contains two clamps and all
mounting hardware.
Bulletin: A80
Catalog Number
Material
Use with
AL15
Mild Steel
A12 enclosures
AL16
Stainless Steel
A4, A4S enclosures
AL17
Mild Steel
A51 junction boxes
AL18
Stainless Steel
A51S junction boxes
cLAmp BLock kit
Used on floor-mount and free-stand
Type 4X stainless steel enclosures
with clamps. Kit includes two sets of
screws, two Type 316L clamp blocks
and mounting hardware.
Bulletin: A50Y
Catalog Number
Description
ACBK6SS
2 clamp blocks and screw sets


Similar Part No. - A-L3A

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-LED8-1AAAS-MR7-1 ASSMANN-A-LED8-1AAAS-MR7-1 Datasheet
58Kb / 1P
   Waterproof LED
A-LED8-1AAAS-MR7-1-R ASSMANN-A-LED8-1AAAS-MR7-1-R Datasheet
63Kb / 1P
   Waterproof LED - Red/Green color, M8 size connector, 첩3MM, Metal housing, Solder Type, IP67 unmated
A-LED8-1ABAS-MR7-1-R ASSMANN-A-LED8-1ABAS-MR7-1-R Datasheet
64Kb / 1P
   Waterproof LED - Red/Green color, M8 size connector, 첩5MM, Metal housing, Solder pins, IP67 unmated
A-LED8-1BAAS-MR7-1 ASSMANN-A-LED8-1BAAS-MR7-1 Datasheet
60Kb / 1P
   Waterproof LED
A-LED8-1BAAS-MR7-1-R ASSMANN-A-LED8-1BAAS-MR7-1-R Datasheet
68Kb / 1P
   Waterproof LED - Blue color, M8 size connector, 첩3MM, Metal housing, Solder pins, IP67 unmated
More results

Similar Description - A-L3A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638254900 MOLEX11-0638254900 Datasheet
32Kb / 1P
   Tool Kit for MP-Lock Female Terminal
ATS-638254900 MOLEX-ATS-638254900 Datasheet
596Kb / 8P
   Tool Kit for MP-Lock??Female Terminal
01-22-13
ATS-6382355HM MOLEX-ATS-6382355HM Datasheet
1Mb / 9P
   Tool Kit for 250 MP-Lock Terminal
03-09-11
ATS-6382548HM MOLEX-ATS-6382548HM Datasheet
589Kb / 8P
   Tool Kit for MP-Lock??Female Terminal
07-23-12
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
   Junction Boxes
logo
Pentair plc. All rights...
A606CHNFSS PENTAIR-A606CHNFSS Datasheet
340Kb / 2P
   Junction Boxes
logo
Amphenol Wilcoxon Sensi...
VLL WILCOXON-VLL Datasheet
376Kb / 2P
   Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
   Switchable junction boxes
Rev.B.1 10/18
logo
STI Vibration Monitorin...
CMCP310 STI-CMCP310 Datasheet
829Kb / 2P
   Switchable Output BNC Junction Boxes
V3.2 09/13/2019
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
   Dual output switchable junction boxes
Rev.B.1 10/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com