Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4691-4 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4691-4
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4691-4 Datasheet(HTML) 5 Page - Analog Devices

  ADA4691-4 Datasheet HTML 1Page - Analog Devices ADA4691-4 Datasheet HTML 2Page - Analog Devices ADA4691-4 Datasheet HTML 3Page - Analog Devices ADA4691-4 Datasheet HTML 4Page - Analog Devices ADA4691-4 Datasheet HTML 5Page - Analog Devices ADA4691-4 Datasheet HTML 6Page - Analog Devices ADA4691-4 Datasheet HTML 7Page - Analog Devices ADA4691-4 Datasheet HTML 8Page - Analog Devices ADA4691-4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 5 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ
4.95
4.97
V
−40°C ≤ TA ≤ +125°C
4.90
V
RL = 600 Ω to GND
4.85
4.88
V
−40°C ≤ TA ≤ +125°C
4.80
V
Output Voltage Low
VOL
RL = 2 kΩ
30
35
mV
−40°C ≤ TA ≤ +125°C
50
mV
RL = 600 Ω
100
110
mV
−40°C ≤ TA ≤ +125°C
155
mV
Short-Circuit Limit
ISC
VOUT = VSY or GND
±55
mA
Closed-Loop Output Impedance
ZOUT
ADA4691-2, f = 1 MHz, AV = −100
364
Ω
ADA4691-2, f = 1 MHz, AV = −100
246
Ω
Output Pin Leakage Current
−40°C < TA < +125°C, shutdown active, VSD = VSS
10
nA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.7 V to 5.5 V
80
90
dB
−40°C ≤ TA ≤ +125°C
75
dB
Supply Current Per Amplifier
ISY
VOUT = VSY/2
180
225
μA
−40°C ≤ TA ≤ +125°C
275
μA
Supply Current Shutdown Mode
ISD
All amplifiers shut down, VSD = VSS
10
nA
−40°C ≤ TA ≤ +125°C
2
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ, 600 Ω, CL = 20 pF, AV = +1
1.3
V/μs
Settling Time to 0.1%
tS
VIN = 2 V step, RL = 2 kΩ or 600 Ω
1.5
μs
Gain Bandwidth Product
GBP
RL = 1 MΩ, CL = 35 pF, AV = +1
3.6
MHz
Phase Margin
ΦM
RL = 1 MΩ, CL = 35 pF, AV = +1
52
Degrees
Turn-On/Turn-Off Time
RL = 600 Ω
1
μs
NOISE PERFORMANCE
Distortion
THD + N
AV = −1, RL = 2 kΩ, f = 1 kHz, VIN rms = 0.8 V rms
0.006
%
AV = −1, RL = 600 Ω, f = 1 kHz, VIN rms = 0.8 V rms
0.008
%
AV = +1, RL = 2 kΩ, f = 1 kHz, VIN rms = 0.8 V rms
0.001
%
AV = +1, RL = 600 Ω, f = 1 kHz, VIN rms = 0.8 V rms
0.003
%
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
3.2
μV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/√Hz
en
f = 10 kHz
13
nV/√Hz


Similar Part No. - ADA4691-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4691-4 AD-ADA4691-4 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
ADA4691-4ACPZ-R2 AD-ADA4691-4ACPZ-R2 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
ADA4691-4ACPZ-R7 AD-ADA4691-4ACPZ-R7 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
ADA4691-4ACPZ-RL AD-ADA4691-4ACPZ-RL Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
More results

Similar Description - ADA4691-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
   Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com