Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4216 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N4216
Description  SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4216 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N4216 Datasheet HTML 1Page - Digitron Semiconductors 2N4216 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N4212-2N4216, 2N4219
SILICON CONTROLLED RECTIFIERS
1.6 AMPS RMS, 25-400 VOLTS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive forward and reverse blocking voltage (1)
2N4212
2N4213
2N4214
2N4216
2N4219
VDRM or VRRM
25
50
100
200
400
Volts
Forward current RMS
(All conduction angles)
IT(RMS)
1.6
Amps
Peak surge current
(One cycle, 60Hz)
No repetition until thermal equilibrium is restored
ITSM
15
Amps
Forward peak gate power
PGFM
0.1
Watt
Forward average gate power
PGF(AV)
0.01
Watt
Forward peak gate current
IGFM
0.1
Amp
Forward peak gate voltage
VGFM
6
Volts
Reverse peak gate voltage
VGRM
6
Volts
Operating junction temperature range
TJ
-65 to 125
°C
Storage temperature range
Tstg
-65 to 150
°C
Lead solder temperature
(> 1/16” from case, 10 s max.)
-
230
°C
Note 1: VDRM and VRRM can be applied for all types on a continuous dc basis without incurring damage.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted, RGK = 1000ohms)(1)
Characteristic
Symbol
Min
Max
Unit
Peak forward or reverse blocking current
(Rated VDRM or VRRM, gate open)
TJ = 25°C
TJ = 125°C
IDRM, IRRM
-
-
10
200
µA
Forward “on” voltage
(ITM = 1Adc peak)
VTM
-
1.5
Volts
Gate trigger current (continuous dc)(2)
(VD = 7V, RL = 100ohms)
(TC = 25°C)
(TC = -65°C)
IGT
-
-
100
300
µAdc
Gate trigger voltage (continuous dc)
(VD = 7V, RL = 100ohms, TC = 25°C)
(VD = 7V, RL = 100ohms, TC = -65°C)
(VD = rated VDRM, RL = 100ohms, TJ = 125°C)
VGT
-
-
0.1
0.8
1
-
Volts
Holding current
(VD = 7V)
TC = 25°C
TC = -65°C
IHX
-
-
3
7
mA
Note 1: Thyristor devices shall not be tested with a constant current source for forward or reverse blocking capability such that the voltage applied exceeds the rated blocking voltage.
Thyristor
devices shall not have a positive bias applied to the gate concurrently with a negative potential applied to the anode.
Note 2: RGK current is not included in the measurement.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130108


Similar Part No. - 2N4216

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4216 MOTOROLA-2N4216 Datasheet
74Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4216 NJSEMI-2N4216 Datasheet
109Kb / 1P
   SCR, V(DRM) = 200V TO 299.9V
More results

Similar Description - 2N4216

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2322 CENTRAL-2N2322 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
Solid States Devices, I...
SFS2326 SSDI-SFS2326 Datasheet
112Kb / 2P
   1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER
SFS1826 SSDI-SFS1826 Datasheet
108Kb / 2P
   1.6 AMPS 200 ??400 VOLTS SILICON CONTROLLED RECTIFIER
SFS2510 SSDI-SFS2510 Datasheet
142Kb / 2P
   25 AMPS 100 ??400 VOLTS FAST SWITCHING SILICON CONTROLLED RECTIFIER
logo
ON Semiconductor
MCR716 ONSEMI-MCR716 Datasheet
68Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers(SCRs 4.0 AMPERES RMS 400 - 600 VOLTS)
August, 2004 ??Rev. 4
logo
Central Semiconductor C...
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
CS65-70B CENTRAL-CS65-70B Datasheet
80Kb / 2P
   SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS
CS55B CENTRAL-CS55B Datasheet
125Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS55BZ CENTRAL-CS55BZ Datasheet
126Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com