Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6116 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N6116
Description  SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N6116 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N6116 Datasheet HTML 1Page - Digitron Semiconductors 2N6116 Datasheet HTML 2Page - Digitron Semiconductors 2N6116 Datasheet HTML 3Page - Digitron Semiconductors 2N6116 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N6116-2N6118
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive peak forward current
100µs pulse width, 1.0% duty cycle
20µs pulse width, 1.0% duty cycle
ITRM
1.0
2.0
Amp
Non repetitive peak forward current
10µs pulse width
ITSM
5.0
Amp
DC forward anode current
Derate above 25°C
IT
200
2.0
mA
mA/°C
DC gate current
IG
±20
mA
Gate to cathode forward voltage
VGKF
40
Volt
Gate to cathode reverse voltage
VGKR
5.0
Volt
Gate to anode reverse voltage
VGAR
40
Volt
Anode to cathode voltage
VAK
±40
Volt
Forward power dissipation @ TA = 25°C
Derate above 25°C
PF
1/
ӨJA
250
2.5
mW
mW/°C
Operating junction temperature range
TJ
-55 to 125
°C
Storage temperature range
Tstg
-65 to 200
°C
ELECTRICAL CHARACTERSITICS (TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Offset voltage
(VS = 10Vdc, RG = 1.0MΩ)
(VS = 10Vdc, RG = 10kΩ)
2N6116
2N6117
2N6118
All types
VT
0.2
0.2
0.2
0.2
0.70
0.50
0.40
0.35
1.6
0.6
0.6
0.6
Volts
Gate to anode leakage current
(VS = 40Vdc, TA = 25°C, cathode open)
(VS = 40Vdc, TA = 75°C, cathode open)
IGAO
-
-
1.0
30
5.0
75
nAdc
Gate to cathode leakage current
(VS = 40Vdc, anode to cathode shorted)
IGKS
-
5.0
50
nAdc
Peak current
(VS = 10Vdc, RG = 1MΩ)
(VS = 10Vdc, RG = 10kΩ)
2N6116
2N6117
2N6118
2N6116
2N6117
2N6118
lp
-
-
-
-
-
-
1.25
0.19
0.08
4.00
1.20
0.70
2.00
0.30
0.15
5.00
2.00
1.00
µA
Valley current
(VS = 10Vdc, RG = 1MΩ)
(VS = 10Vdc, RG = 10kΩ)
2N6116, 2N6117
2N6118
2N6116
2N6117, 2N6118
IV
-
-
70
50
18
18
270
270
50
25
-
-
µA
Forward voltage
(IF = 50mA peak)
VF
-
0.8
1.5
Volts
Peak output voltage
(VB = 20Vdc, CC = 0.2µF)
VO
6.0
16
-
Volts
Pulse voltage rise time
(VB = 20Vdc, CC = 0.2µF)
tr
-
40
80
ns
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130121


Similar Part No. - 2N6116

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6116 MOTOROLA-2N6116 Datasheet
186Kb / 4P
   Silicon Programmable Unijunction Transsistors
logo
New Jersey Semi-Conduct...
2N6116 NJSEMI-2N6116 Datasheet
164Kb / 2P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
   High peak output voltage
2N6116L-T92-K UTC-2N6116L-T92-K Datasheet
134Kb / 3P
   High peak output voltage
More results

Similar Description - 2N6116

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6027 NJSEMI-2N6027 Datasheet
140Kb / 1P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Central Semiconductor C...
2N6027 CENTRAL-2N6027_15 Datasheet
522Kb / 3P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
D13T3 DIGITRON-D13T3 Datasheet
217Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTORS
MPU6027 DIGITRON-MPU6027 Datasheet
240Kb / 4P
   PROGRAMMABLE UNIJUNCTION TRANSISTORS
D13T1 DIGITRON-D13T1 Datasheet
202Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTORS
2N6027 DIGITRON-2N6027 Datasheet
987Kb / 4P
   PROGRAMMABLE UNIJUNCTION TRANSISTORS
MPU131 DIGITRON-MPU131 Datasheet
248Kb / 4P
   PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Boca Semiconductor Corp...
2N4870 BOCA-2N4870 Datasheet
162Kb / 5P
   PN UNIJUNCTION TRANSISTORS SILICON UNIJUNCTION TRANSISTORS
logo
Comset Semiconductor
2N2646 COMSET-2N2646 Datasheet
104Kb / 3P
   SILICON UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
PN6116 NJSEMI-PN6116 Datasheet
89Kb / 1P
   SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com