Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP8.0 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 5KP8.0
Description  5000W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

5KP8.0 Datasheet(HTML) 1 Page - Digitron Semiconductors

  5KP8.0 Datasheet HTML 1Page - Digitron Semiconductors 5KP8.0 Datasheet HTML 2Page - Digitron Semiconductors 5KP8.0 Datasheet HTML 3Page - Digitron Semiconductors 5KP8.0 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
5KP5.0-5KP110A
5000W TRANSIENT VOLTAGE SUPPRESSOR
FEATURES
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix)
Available in both unidirectional and bidirectional construction (bidirectional “C” or “CA” suffix)
Available in both axial leaded and radial packages (“R” prefix for radial packages)
Axial and radial available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part
number
Selections for 5.0 to 110 volts standoff voltage
Suppresses transients up to 5000 watts @ 10/10000µa and 34000 watts @ 8/20µs
Fast response
MAXIMUM RATINGS
Peak Pulse Power Dissipation @ 25°C
5000 watts at 10/1000µs
Impulse Repetition Rate (Duty factor)
0.05%
tclamping (0 volts to V(BR) min):
< 100ps theoretical for unidirectional and < 5 ns for bidirectional
Operating and Storage Temperature:
-65 to +150°C
Thermal Resistance:
20°C/W junction to lead or 80°C/W junction to ambient when mounted on FR4 PC
board with 4mm2 copper pads and track width 1 mm, length 25 mm
Steady-State Power dissipation:
6 watts at TL = 30°C or 1.56 watts at TA = 25°C when mounted on FR4 PC board
described for thermal resistance
Forward Surge Voltage:
3.5 V maximum @ 100 Amps 8.3 ms half-sine wave
Solder Temperatures:
260°C for 10 s (maximum)
ELECTRICAL CHARACTERISTICS
Breakdown Voltage
V(BR)
Reverse
Stand-Off
Voltage
VWM(1)
V(BR) @
l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum Peak
Pulse Current
lPP
Fig. 2
Maximum
Temperature
Coefficient of
V(BR) αV(BR)
Part
Number(2)
Volts
Volts
mA
Volts
µA
A
mV/°C
5KP5.0
5.0
6.40
7.30
50
9.6
2000(3)
520
4.0
5KP5.0A
5.0
6.40
7.00
50
9.2
2000(3)
543
4.0
5KP6.0
6.0
6.67
8.15
50
11.4
5000
439
4.0
5KP6.0A
6.0
6.67
7.37
50
10.3
5000
485
4.0
5KP6.5
6.5
7.22
8.82
50
12.3
2000
407
4.0
5KP6.5A
6.5
7.22
7.98
50
11.2
2000
447
4.0
5KP7.0
7.0
7.78
9.51
50
13.3
1000
378
5.0
5KP7.0A
7.0
7.78
8.60
50
12.0
1000
417
5.0
5KP7.5
7.5
8.33
10.2
5
14.3
250
350
6.0
5KP7.5A
7.5
8.33
9.21
5
12.9
250
388
6.0
5KP8.0
8.0
8.89
10.9
5
15.0
150
333
6.0
5KP8.0A
8.0
8.89
9.83
5
13.6
150
367
6.0
5KP8.5
8.5
9.44
11.5
5
15.9
50
314
7.0
5KP8.5A
8.5
9.44
10.4
5
14.4
50
347
7.0
5KP9.0
9.0
10.0
12.2
5
16.9
20
295
8.0
5KP9.0A
9.0
10.0
11.1
5
15.4
20
325
8.0
5KP10
10
11.1
13.6
5
18.8
15
266
9.0
5KP10A
10
11.1
12.3
5
17.0
15
294
9.0
5KP11
11
12.2
14.9
5
20.1
10
249
10
5KP11A
11
12.2
13.5
5
18.2
10
274
10
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120710


Similar Part No. - 5KP8.0

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP8.0 SURGE-5KP8.0 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP8.0 LUGUANG-5KP8.0 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Vishay Siliconix
5KP8.0 VISHAY-5KP8.0 Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Socay Electornics Co., ...
5KP8.0 SOCAY-5KP8.0 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
5KP8.0 LUGUANG-5KP8.0 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
More results

Similar Description - 5KP8.0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com