Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N253 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 3N253
Description  SINGLE PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

3N253 Datasheet(HTML) 1 Page - Digitron Semiconductors

  3N253 Datasheet HTML 1Page - Digitron Semiconductors 3N253 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
3N253-3N259
SINGLE PHASE BRIDGE RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (@ 25°C ambient temperature unless otherwise noted)
Rating
Symbol
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output rectified
current at TA = 55°C
IF(AV)
2.0
Amps
Peak forward surge current single half-sine
wave superimposed on rated load TJ=
150°C
IFSM
60.0
Amps
Rating for fusing (t < 8.3ms)
I2t
15.0
A2s
Typical thermal resistance per leg (1)
R
ӨJA
R
ӨJL
30.0
11.0
°C/W
Operating and storage temperature range
TJ, Tstg
-55 to +165
°C
Note 1: Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.47 x 0.47” copper pads.
ELECTRICAL CHARACTERISTICS (@ 25°C ambient temperature unless otherwise noted)
Characteristic
Symbol
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Units
Maximum instantaneous forward voltage
drop per leg at 3.14A
VF
1.1
Volts
Maximum DC reverse current at rated DC
blocking voltage per leg
TA = 25°C
TA = 125°C
IR
5
500
µA
Typical junction capacitance
CJ
25
pF
Note 2: Measured at 1.0MHz and applied reverse voltage of 4.0V.
MECHANICAL CHARACTERISTICS
Case
Digi M
Marking
Body painted, alpha-numeric
Pin out
See below
Digi M
Inches
Millimeters
Min
Max
Min
Max
A
0.580
0.620
14.732
15.748
B
0.360
0.400
9.144
10.160
C
0.185
0.195
4.699
4.953
D
0.025
0.035
0.635
0.889
F
0.080
0.090
2.032
2.286
G
0.040
0.055
1.016
1.397
H
0.390
0.430
9.906
10.922
J
0.145
0.160
3.683
4.064
K
0.080
0.090
2.032
2.286
L
0.090
0.110
2.286
2.794
M
0.025
0.035
0.635
0.889
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128


Similar Part No. - 3N253

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
3N253 GE-3N253 Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
3N253 VISHAY-3N253 Datasheet
102Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
15-Apr-08
logo
Fairchild Semiconductor
3N253 FAIRCHILD-3N253 Datasheet
109Kb / 3P
   Bridge Rectifiers
logo
New Jersey Semi-Conduct...
3N253 NJSEMI-3N253 Datasheet
121Kb / 1P
   MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
3N253 NJSEMI-3N253 Datasheet
89Kb / 1P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
More results

Similar Description - 3N253

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com