Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV27-500 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # BYV27-500
Description  ULTRA FAST AVALANCHE SINTERGLASS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

BYV27-500 Datasheet(HTML) 1 Page - Digitron Semiconductors

  BYV27-500 Datasheet HTML 1Page - Digitron Semiconductors BYV27-500 Datasheet HTML 2Page - Digitron Semiconductors BYV27-500 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
BYV27-50 – BYV27-600
ULTRA FAST AVALANCHE
SINTERGLASS DIODE
MAXIMUM RATINGS (Tamb = 25°C unless otherwise specified)
Parameter
Test Condition
Part
Symbol
Value
Unit
BYV27-50
55
BYV27-100
110
BYV27-150
165
BYV27-200
220
BYV27-300
330
BYV27-400
440
BYV27-500
560
Peak reverse voltage, non-repetitive
BYV27-600
VRSM
675
V
BYV27-50
50
BYV27-100
100
BYV27-150
150
BYV27-200
200
BYV27-300
300
BYV27-400
400
BYV27-500
500
Reverse voltage = repetitive peak reverse
voltage
BYV27-600
VR = VRRM
600
V
Peak forward surge current
tp = 10ms, half-sine wave
IFSM
50
A
Repetitive peak forward current
IFRM
15
A
Average forward current
IFAV
2
A
Pulse energy in avalanche mode, non
repetitive (inductive load switch off)
I(BR) = 1A, TJ = 175°C
ER
20
mJ
Junction and storage temperature range
TJ, TSTG
-55 to +175
°C
l = 10mm, TL = constant
RthJA
45
K/W
Junction ambient
On PC board with spacing
25mm
RthJA
100
K/W
ELECTRICAL CHARACTERISTICS
Parameter
Test Condition
Symbol
Min
Typ
Max
Unit
IF = 3A
1.07
Forward voltage
IF = 3A, TJ = 175°C
VF
0.88
V
VR = VRRM
1
VRSM
100
Reverse current
VR = VRRM, TJ = 165°C
IR
150
µA
Reverse recovery time
IF = 0.5A, IR = 1A, IR = .25A
trr
25
ns
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121119


Similar Part No. - BYV27-500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27-500 PHILIPS-BYV27-500 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
New Jersey Semi-Conduct...
BYV27-500 NJSEMI-BYV27-500 Datasheet
201Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
More results

Similar Description - BYV27-500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com