Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXK9-PW30-0004 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXK9-PW30-0004
Description  High efficacy plug and play array solution with precise flux, Vf and color
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK9-PW30-0004 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXK9-PW30-0004 Datasheet HTML 3Page - Lumileds Lighting Company LXK9-PW30-0004 Datasheet HTML 4Page - Lumileds Lighting Company LXK9-PW30-0004 Datasheet HTML 5Page - Lumileds Lighting Company LXK9-PW30-0004 Datasheet HTML 6Page - Lumileds Lighting Company LXK9-PW30-0004 Datasheet HTML 7Page - Lumileds Lighting Company LXK9-PW30-0004 Datasheet HTML 8Page - Lumileds Lighting Company LXK9-PW30-0004 Datasheet HTML 9Page - Lumileds Lighting Company LXK9-PW30-0004 Datasheet HTML 10Page - Lumileds Lighting Company LXK9-PW30-0004 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LUXEONKDatasheetDS10220140404©2014PhilipsLumiledsLightingCompany.
6
Electrical Characteristics
ElectricalCharacteristicsatTestCurrentforLUXEONKWhiteandRoyalBlue,
JunctionTemperature=85°C
Table 5.
Part Number
Forward Voltage V
f
[1]
(V)
Typical
Temperature Coefficient
of Forward Voltage
(mV/°C)
DV
F / DTJ
Typical
Thermal Resistance
Junction to Case (°C/W)
Ru
J-C
Minimum
Typical
Maximum
LXKx-Pxxx-0403
30
31.5
33.8
-21.0
5.5
LXKx-Pxxx-xx04(A)
10
10.5
11.3
-6.3
3.0
LXKx-Pxxx-x404
40
42
45.1
-30.1
3.0
LXKx-Pxxx-xx08(A)
20
21
22.6
-12.5
1.5
LXKx-Pxxx-x206
30
31.5
33.8
-21.0
2.3
LXKx-Pxxx-xx12(A)
30
31.5
33.8
-18.8
1.0
LXKx-Pxxx-xx16(A)
40
42
45.1
-25.0
0.8
LXKx-Pxxx-xx24(A)
60
63
67.7
-37.5
0.5
Notes for Table 5:
1. PhilipsLumliledsmaintainsatestertoleranceof0.5%onforwardvoltagemeasurements.
2. JunctiontemperaturetobackofthePCB.
TypicalElectricalCharacteristicsatTwicetheTestCurrentforLUXEONKWhiteand
RoyalBlue,JunctionTemperature=85°C
Table 6.
Part Number
Typical Forward Voltage
V
f (V)
Test Current
(mA)
LXKx-Pxxx-x403
36
87.5
LXKx-Pxxx-xx04(A)
11
350
LXKx-Pxxx-x404
48
87.5
LXKx-Pxxx-xx08(A)
22
350
LXKx-Pxxx-x206
36
175
LXKx-Pxxx-xx12(A)
33
350
LXKx-Pxxx-xx16(A)
44
350
LXKx-Pxxx-xx24(A)
66
350


Similar Part No. - LXK9-PW30-0004

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK9-PW30-0004 LUMILEDS-LXK9-PW30-0004 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
More results

Similar Description - LXK9-PW30-0004

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW40-0012A LUMILEDS-LXK8-PW40-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solution with precise flux, V and color
DS102 LUMILEDS-DS102 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
   High Flux Density and Efficacy
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Lumileds Lighting Compa...
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com