Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXZ9-PW27 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # MXZ9-PW27
Description  Compact footprint delivering high-efficacy and just the right amount of light
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

MXZ9-PW27 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button MXZ9-PW27 Datasheet HTML 2Page - Lumileds Lighting Company MXZ9-PW27 Datasheet HTML 3Page - Lumileds Lighting Company MXZ9-PW27 Datasheet HTML 4Page - Lumileds Lighting Company MXZ9-PW27 Datasheet HTML 5Page - Lumileds Lighting Company MXZ9-PW27 Datasheet HTML 6Page - Lumileds Lighting Company MXZ9-PW27 Datasheet HTML 7Page - Lumileds Lighting Company MXZ9-PW27 Datasheet HTML 8Page - Lumileds Lighting Company MXZ9-PW27 Datasheet HTML 9Page - Lumileds Lighting Company MXZ9-PW27 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LUXEON 4014 Datasheet DS205 20140223 ©2014 Philips Lumileds Lighting Company.
5
Reflow Soldering Characteristics
Table 5. Reflow Profile in Accordance with J-Std-020D.
Profile Feature
Lead Free Assembly
Preheat/Soak :
Temperature Min (T
smin)
Temperature Max (T
smax)
Maximum Time (t
s) from Tsmin to Tsmax
150°C
200°C
120 seconds
Ramp-up Rate (T
L to Tp )
3°C / second
Liquidous Temperature (T
L )
217°C
Maximum Time (t
L ) Maintained above TL
150 seconds
Maximum Peak Package Body Temperature (T
p )
260°C
Time (t
p ) within 5°C of the specified temperature (Tc )
10-30 seconds
Maximum Ramp-Down Rate (T
p to TL )
6°C / second
Maximum Time 25°C to Peak Temperature
8 minutes
Note for Table 5:
1. All temperatures refer to the application Printed Circuit Board (PCB), measured on the surface adjacent to the package body.
0
50
100
150
200
250
300
050
100
150
200
250
300
Time (seconds)
TL: 217°C
255°C +5/-0°C
260°C +0/-5°C
ts: 60-120sec.
tL: 60-150 sec,max
tp: 10-30sec. 30sec max.
Tsmin: 150°C
Ramp-Up Rate, 3°C/sec. max.
Tsmax:200°C
Tp: 260°C
Temperature Profile for Table 5.


Similar Part No. - MXZ9-PW27

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXZ9-PW27 LUMILEDS-MXZ9-PW27 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
MXZ9-PW27 LUMILEDS-MXZ9-PW27 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
More results

Similar Description - MXZ9-PW27

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
L1Q0-278000000ZZZ0 LUMILEDS-L1Q0-278000000ZZZ0 Datasheet
1Mb / 18P
   Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Lumileds Lighting Compa...
L130-8070001400001 LUMILEDS-L130-8070001400001 Datasheet
2Mb / 22P
   High efficacy compact package, designed for high quality light output
20200426
DS115 LUMILEDS-DS115 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
ams AG
KTDMLN31.13 AMSCO-KTDMLN31.13 Datasheet
1Mb / 23P
   nullThis compact LED device is part of the SYNIOS P2720 family. Given the scalability of this product family, it provides full performance and flexibility with just one footprint.
Version 1.2 2023-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com