Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXA7-PW65-0000 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # MXA7-PW65-0000
Description  LUXEON 3535L Mid-Power LEDs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

MXA7-PW65-0000 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button MXA7-PW65-0000 Datasheet HTML 4Page - Lumileds Lighting Company MXA7-PW65-0000 Datasheet HTML 5Page - Lumileds Lighting Company MXA7-PW65-0000 Datasheet HTML 6Page - Lumileds Lighting Company MXA7-PW65-0000 Datasheet HTML 7Page - Lumileds Lighting Company MXA7-PW65-0000 Datasheet HTML 8Page - Lumileds Lighting Company MXA7-PW65-0000 Datasheet HTML 9Page - Lumileds Lighting Company MXA7-PW65-0000 Datasheet HTML 10Page - Lumileds Lighting Company MXA7-PW65-0000 Datasheet HTML 11Page - Lumileds Lighting Company MXA7-PW65-0000 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LUXEON3535LDatasheetDS20320131017©2013PhilipsLumiledsLightingCompany.
7
Mechanical Dimensions
Notes for Figure 1:
• Alldimensionsareinmillimeters.
• Tolerance:±0.10mm.
• Materials
-LeadFrame:CopperAlloywithSilverPlating
-PackageBody:HighTemperatureThermalPlastic
-Encapsulant:SiliconeResin
-SolderLeadFinish:Ni-AgPlating
2.6
3.7 MAX
3.40±0.15
3.50±0.15
Part Mark
Cathode
0.3
0.8
2.7
1.9
0.8
Cathode
Anode
Figure 1. Package outline drawing.


Similar Part No. - MXA7-PW65-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXA7-PW65-0000 LUMILEDS-MXA7-PW65-0000 Datasheet
2Mb / 25P
   High efficacy in a 3535 package with full range of CCTs and CRIs
MXA7-PW65-0000 LUMILEDS-MXA7-PW65-0000 Datasheet
3Mb / 27P
   High efficacy in a 3535 package with full range of CCTs and CRIs
MXA7-PW65-0000 LUMILEDS-MXA7-PW65-0000 Datasheet
1Mb / 3P
   High efficacy in a 3535 package with full range of CCTs and CRIs
More results

Similar Description - MXA7-PW65-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXM8-PW27-0000 LUMILEDS-MXM8-PW27-0000 Datasheet
3Mb / 27P
   LUXEON 3535 Mid-Power LEDs
MXL8-PW27-0000 LUMILEDS-MXL8-PW27-0000 Datasheet
2Mb / 26P
   LUXEON 5630 Mid-Power LEDs
logo
List of Unclassifed Man...
MXC8-PW27-0000 ETC2-MXC8-PW27-0000_14 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com