Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXZ8-PW57 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # MXZ8-PW57
Description  Compact footprint delivering high-efficacy and just the right amount of light
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

MXZ8-PW57 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  MXZ8-PW57 Datasheet HTML 1Page - Lumileds Lighting Company MXZ8-PW57 Datasheet HTML 2Page - Lumileds Lighting Company MXZ8-PW57 Datasheet HTML 3Page - Lumileds Lighting Company MXZ8-PW57 Datasheet HTML 4Page - Lumileds Lighting Company MXZ8-PW57 Datasheet HTML 5Page - Lumileds Lighting Company MXZ8-PW57 Datasheet HTML 6Page - Lumileds Lighting Company MXZ8-PW57 Datasheet HTML 7Page - Lumileds Lighting Company MXZ8-PW57 Datasheet HTML 8Page - Lumileds Lighting Company MXZ8-PW57 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LUXEON 4014 Datasheet DS205 20140223 ©2014 Philips Lumileds Lighting Company.
2
General Information
Product Nomenclature
LUXEON 4014 is tested and binned at T
j = 25°C and 30 mA DC.
The part number designation is explained as follows:
M X Z A – B C D D – 0 0 E E
Where:
A
designates minimum CRI (value 8 for 80, 9 for 90)
B
designates radiation pattern (value P for Lambertian)
C
designates color (W for White)
DD —
designates nominal CCT (27 for 2700K, 30 for 3000K, 35 for 3500K, 40 for 4000K and
50 for 5000K)
EEEE —
designates additional part numbers
Therefore 4000K, 80 CRI LUXEON 4014 product will be:
M X Z 8 – P W 4 0 – 0 0 0 0
Average Lumen Maintenance Characteristics
Lumen maintenance for solid-state lighting devices (LEDs) is typically defined in terms of the percentage of initial
light output remaining after a specified period of time. Philips Lumileds projects that LUXEON 4014 MXZ8-PW40-00
products will deliver, on average, 70% lumen maintenance (L70) at >30,000 hours of operation at a forward current
of up to 30 mA.This projection and detailed operating condition will be further validated and disclosed. Observation
of design limits included in this data sheet is required in order to achieve this projected lumen maintenance.
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solid-state lighting market.
LUXEON 4014 is compliant to the European Union directives on the restriction of hazardous substances in electronic
equipment, namely the RoHS and REACH directives. Philips Lumileds will not intentionally add the following
restricted material to the LUXEON 4014: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls
(PBB) or polybrominated diphenyl ethers (PBDE).


Similar Part No. - MXZ8-PW57

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXZ8-PW57 LUMILEDS-MXZ8-PW57 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
MXZ8-PW57 LUMILEDS-MXZ8-PW57 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
More results

Similar Description - MXZ8-PW57

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
L1Q0-278000000ZZZ0 LUMILEDS-L1Q0-278000000ZZZ0 Datasheet
1Mb / 18P
   Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Lumileds Lighting Compa...
L130-8070001400001 LUMILEDS-L130-8070001400001 Datasheet
2Mb / 22P
   High efficacy compact package, designed for high quality light output
20200426
DS115 LUMILEDS-DS115 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
ams AG
KTDMLN31.13 AMSCO-KTDMLN31.13 Datasheet
1Mb / 23P
   nullThis compact LED device is part of the SYNIOS P2720 family. Given the scalability of this product family, it provides full performance and flexibility with just one footprint.
Version 1.2 2023-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com