Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PH01-0060 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXML-PH01-0060
Description  LUXEON Rebel and LUXEON Rebel ES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PH01-0060 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXML-PH01-0060 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PH01-0060 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PH01-0060 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PH01-0060 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PH01-0060 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PH01-0060 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PH01-0060 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PH01-0060 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PH01-0060 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LUXEONRebelColorPortfolioDatasheetDS6820140215©2014PhilipsLumiledsLightingCompany.
5
FluxPerformance,Binning,andSupportability
LEDsareproducedwithsemiconductortechnologythatissubjecttoprocessvariation,yieldingarange
offluxperformancethatisapproximatelyGaussianinnature.Inordertoprovidecustomerswithfine
granularitywithintheoverallfluxdistribution,PhilipsLumiledsseparatesLEDsintofixed,easytodesign
with,minimumluminousfluxbins.Toverifysupportabilityofpartschosenforyourapplicationdesign,
pleaseconsultyourPhilipsLumiledssalesrepresentative.
OpticalCharacteristics
LUXEONRebelandLUXEONRebelESColorsat350mAor700mA,Test
Temperature[1]
Table 2.
Color
Dominant Wavelength [2] l
D ,
or Peak Wavelength [3] l
P
Typical
Spectral
Half-width [5]
(nm)
Dl
1/2
Typical Temperature
Coefficient
of Dominant or Peak
Wavelength (nm/°C)
Dl
D / DTJ
Typical Total
Included Angle [5]
(degrees)
u
0.90V
Typical Viewing
Angle [6]
(degrees)
2u 1/2
Minimum
Typical
Maximum
Lime[7][9]
566.0nm
567.5nm
569.0nm
100
0.01
160
125
Green[7]
520.0nm
530.0nm
540.0nm
30
0.05
160
125
Cyan[7]
490.0nm
505.0nm
515.0nm
30
0.04
160
125
Blue[7]
460.0nm
470.0nm
485.0nm
20
0.05
160
125
RoyalBlue[3][7]
440.0nm
447.5nm
460.0nm
20
0.04
160
125
Red[8]
620.0nm
627.0nm
645.0nm
20
0.05
160
125
DeepRed[3][8]
650.0nm
655.0nm
670.0nm
20
0.05
160
125
Red-Orange[8]
610.0nm
617.0nm
620.0nm
20
0.08
160
125
Amber[8]
584.5nm
590.0nm
594.5nm
20
0.10
160
125
PCAmber[7][9]
587.8nm
591.0nm
592.0nm
80
-0.01
160
120
Notes for Table 2:
1. LXML-PR02-xxxxandLXML-PB02-xxxxemittersaretestedandbinnedat700mA,allotherLUXEONRebelColoremittersaretested
at350mA.
2. DominantwavelengthisderivedfromtheCIE1931Chromaticitydiagramandrepresentstheperceivedcolor.PhilipsLumiledsmaintainsatoleranceof±0.5nmfordominantwavelength
measurements.
3. RoyalblueanddeepredLEDsarebinnedbypeakwavelength.PhilipsLumiledsmaintainsatoleranceof±2nmforpeakwavelengthmeasurements.
4. Spectralwidthat½ofthepeakintensity.
5. Totalangleatwhich90%oftotalluminousfluxorradiometricpoweriscaptured.
6. Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.
7. Lime,PCAmber,green,cyan,blueandroyalblueproductsarebuiltwithIndiumGalliumNitride(InGaN).
8. Allred,deepred,red-orange,andamberarebuiltwithAluminumIndiumGalliumPhosphide(AlInGaP).
9. LimeandPCAmberarebinnedbychromaticitycoordinates.
Luminous Flux Bins


Similar Part No. - LXML-PH01-0060

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PH01-0060 LUMILEDS-LXML-PH01-0060 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PH01-0060 LUMILEDS-LXML-PH01-0060 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PH01-0060 LUMILEDS-LXML-PH01-0060 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
More results

Similar Description - LXML-PH01-0060

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com