Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD075-LA81 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # SMD075-LA81
Description  Mid-Power LED Light Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

SMD075-LA81 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  SMD075-LA81 Datasheet HTML 1Page - Lumileds Lighting Company SMD075-LA81 Datasheet HTML 2Page - Lumileds Lighting Company SMD075-LA81 Datasheet HTML 3Page - Lumileds Lighting Company SMD075-LA81 Datasheet HTML 4Page - Lumileds Lighting Company SMD075-LA81 Datasheet HTML 5Page - Lumileds Lighting Company SMD075-LA81 Datasheet HTML 6Page - Lumileds Lighting Company SMD075-LA81 Datasheet HTML 7Page - Lumileds Lighting Company SMD075-LA81 Datasheet HTML 8Page - Lumileds Lighting Company SMD075-LA81 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SignalSure Datasheet DS11 20121212
5
Optical Characterization,T
j =25°C
[2]
Table 5.
Total Flux/Luminous
Dominant
Peak Dominant
Typical Viewing
Typical Total
Intensity
Wavelength (nm)
Wavelength (nm)
Angle
Included
Part Number
(lm/cd)
l
dom
l
peak
2u ½(°)
Angle
Typ.
Typ.
Typ.
@ 50% intensity
u
90V(°)
[1]
SMD075-LO81
2.8
615
622
120 +/- 10
150 +/- 10
SMD075-LA81
2.8
590
593
120 +/- 10
150 +/- 10
Note for Table 5:
1. u
90V is the included angle at which 90% of the total luminous flux is captured.
Electrical Characterization
Table 6.
Parameter
Symbol
Rating
Units
Forward Voltage
V
F
2.8
V (Typ)
Thermal Resistance [1]
R
th J-Ambient
180
°C/W (Typ)
Capacitance V
F=0, F=1MHz
C
25
pF (Typ)
Speed of Response Time Constant, e-t/τs
τs
20
ns (Typ)
Note for Table 6:
1. R
th J-Ambient obtained based on mounting on PCB FR4 pad size á 16 mm
2
per pad.
Temperature Characterization
Table 7.
Parameter
Symbol
Part Number
Value
Unit
Typical Temperature coefficient of ldom
TC
ldom
SMD075-LO81
0.05
nm/°C
I
F = 75 mA, 10°C ≤ Tj ≤ 85°C
SMD075-LA81
0.09
Typical Temperature coefficient of V
F
TC
V
SMD075-LO81
-2.1
mV/°C
I
F = 75 mA, 10°C ≤ Tj ≤ 85°C
SMD075-LA81
-1.0
Typical Temperature coefficient of j
V
TC
j
SMD075-LO81
-47.0
mlm/°C
I
F = 75 mA, 10°C ≤ Tj ≤ 85°C
SMD075-LA81
-55.0


Similar Part No. - SMD075-LA81

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD075-2 ETC1-SMD075-2 Datasheet
313Kb / 4P
   PolySwitch SMD
More results

Similar Description - SMD075-LA81

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
LOPL-E011WA LITEON-LOPL-E011WA Datasheet
248Kb / 12P
   High power LED light source
LOPL-E011RA LITEON-LOPL-E011RA Datasheet
237Kb / 12P
   High power LED light source
LOPL-E001A LITEON-LOPL-E001A Datasheet
316Kb / 12P
   High power LED light source
LOPL-E001B LITEON-LOPL-E001B Datasheet
316Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com