Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114TK Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDTC114TK
Description  NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114TK Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDTC114TK Datasheet HTML 3Page - NXP Semiconductors PDTC114TK Datasheet HTML 4Page - NXP Semiconductors PDTC114TK Datasheet HTML 5Page - NXP Semiconductors PDTC114TK Datasheet HTML 6Page - NXP Semiconductors PDTC114TK Datasheet HTML 7Page - NXP Semiconductors PDTC114TK Datasheet HTML 8Page - NXP Semiconductors PDTC114TK Datasheet HTML 9Page - NXP Semiconductors PDTC114TK Datasheet HTML 10Page - NXP Semiconductors PDTC114TK Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PDTC114T_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 9 February 2006
9 of 11
Philips Semiconductors
PDTC114T series
NPN resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
PDTC114TK_1
19970528
Product
specification
-
9397 750 01367 -
PDTC114TE_2
19980803
Product
specification
-
9397 750 04123 PDTC114TE_1
PDTC114TE_1
19970711
Product
specification
-
9397 750 02628 -
Table 10:
Revision history …continued
Document ID
Release date
Data sheet status
Change notice Doc. number
Supersedes


Similar Part No. - PDTC114TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114TK PHILIPS-PDTC114TK Datasheet
60Kb / 8P
   NPN resistor-equipped transistor
1998 May 19
PDTC114TK PHILIPS-PDTC114TK Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
logo
Nexperia B.V. All right...
PDTC114TK NEXPERIA-PDTC114TK Datasheet
587Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC114TK NEXPERIA-PDTC114TK Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC114TK NEXPERIA-PDTC114TK Datasheet
202Kb / 12P
   PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
More results

Similar Description - PDTC114TK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC114T NEXPERIA-PDTC114T Datasheet
587Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
logo
NXP Semiconductors
PDTA114T NXP-PDTA114T Datasheet
88Kb / 11P
   PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007
logo
Nexperia B.V. All right...
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
   NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
PDTA114T_SER NEXPERIA-PDTA114T_SER Datasheet
202Kb / 12P
   PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
logo
NXP Semiconductors
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
logo
Nexperia B.V. All right...
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com