Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXM8-PW35-0000 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # MXM8-PW35-0000
Description  LUXEON 3535 Mid-Power LEDs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

MXM8-PW35-0000 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button MXM8-PW35-0000 Datasheet HTML 5Page - Lumileds Lighting Company MXM8-PW35-0000 Datasheet HTML 6Page - Lumileds Lighting Company MXM8-PW35-0000 Datasheet HTML 7Page - Lumileds Lighting Company MXM8-PW35-0000 Datasheet HTML 8Page - Lumileds Lighting Company MXM8-PW35-0000 Datasheet HTML 9Page - Lumileds Lighting Company MXM8-PW35-0000 Datasheet HTML 10Page - Lumileds Lighting Company MXM8-PW35-0000 Datasheet HTML 11Page - Lumileds Lighting Company MXM8-PW35-0000 Datasheet HTML 12Page - Lumileds Lighting Company MXM8-PW35-0000 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LUXEON3535DatasheetDS20220130228©2013PhilipsLumiledsLightingCompany.
8
Solder Pad Design
Notes for Figure 3:
1. ThedrawingaboveshowstherecommendedsolderpadlayoutonPrintedCircuitBoard(PCB).
2. ApplicationBriefAB202providesextensivedetailsforthislayout.Inaddition,the.dwgfilesareavailableatwww.philipslumileds.comandwww.philipslumileds.cn.com.
Recommended Solder Pad Dimensions
Recommended Pad Layout Dimensions
Additional conductor area
covered by solder mask for
improving heat dissipation
Figure 3. Solder pad layout.


Similar Part No. - MXM8-PW35-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXM8-PW35 LUMILEDS-MXM8-PW35 Datasheet
1Mb / 2P
   High efficacy up to 165 lm/W at 60 Compact 3535 form factor
More results

Similar Description - MXM8-PW35-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXC8-PW27-0000 ETC2-MXC8-PW27-0000_14 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Lumileds Lighting Compa...
MXA8-PW22-0000 LUMILEDS-MXA8-PW22-0000 Datasheet
2Mb / 28P
   LUXEON 3535L Mid-Power LEDs
MXL8-PW27-0000 LUMILEDS-MXL8-PW27-0000 Datasheet
2Mb / 26P
   LUXEON 5630 Mid-Power LEDs
logo
Inolux Corporation
IN-C33XTLX INOLUX-IN-C33XTLX Datasheet
1Mb / 15P
   3535 High Power LED
logo
List of Unclassifed Man...
SJ-3535 ETC1-SJ-3535 Datasheet
30Kb / 1P
   SJ-3535
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
logo
Ledil, Inc.
C16520 LEDIL-C16520 Datasheet
5Mb / 5P
   ~25째 beam with more space for 3535 HP LEDs
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
logo
Inolux Corporation
IN-C33ATN INOLUX-IN-C33ATN Datasheet
1Mb / 16P
   3535 UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com