Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXL8-PW27-0000 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # MXL8-PW27-0000
Description  LUXEON 5630 Mid-Power LEDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

MXL8-PW27-0000 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button MXL8-PW27-0000 Datasheet HTML 5Page - Lumileds Lighting Company MXL8-PW27-0000 Datasheet HTML 6Page - Lumileds Lighting Company MXL8-PW27-0000 Datasheet HTML 7Page - Lumileds Lighting Company MXL8-PW27-0000 Datasheet HTML 8Page - Lumileds Lighting Company MXL8-PW27-0000 Datasheet HTML 9Page - Lumileds Lighting Company MXL8-PW27-0000 Datasheet HTML 10Page - Lumileds Lighting Company MXL8-PW27-0000 Datasheet HTML 11Page - Lumileds Lighting Company MXL8-PW27-0000 Datasheet HTML 12Page - Lumileds Lighting Company MXL8-PW27-0000 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Lumileds 5630 Datasheet DS201 20130228 ©2013 Philips Lumileds Lighting Company.
8
Relative Spectral Distribution
Relative Intensity vs.Wavelength for MXL8-PWXX-0000
Figure 4. Typical color spectrum of MXL8-PWXX-0000 emitter, integrated measurement
at thermal pad temperature = 25°C, current = 100 mA.


Similar Part No. - MXL8-PW27-0000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
MXL1001ACH MAXIM-MXL1001ACH Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
MXL1001ACJ8 MAXIM-MXL1001ACJ8 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
MXL1001ACN8 MAXIM-MXL1001ACN8 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
MXL1001ACS8 MAXIM-MXL1001ACS8 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
More results

Similar Description - MXL8-PW27-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXM8-PW27-0000 LUMILEDS-MXM8-PW27-0000 Datasheet
3Mb / 27P
   LUXEON 3535 Mid-Power LEDs
MXA8-PW22-0000 LUMILEDS-MXA8-PW22-0000 Datasheet
2Mb / 28P
   LUXEON 3535L Mid-Power LEDs
logo
List of Unclassifed Man...
MXC8-PW27-0000 ETC2-MXC8-PW27-0000_14 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Cree, Inc
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
   Cree짰 J Series??5630 LEDs
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
logo
A-BRIGHT Inc
62-217BSW1C1 A-BRIGHT-62-217BSW1C1_15 Datasheet
625Kb / 8P
   5630 Package Power Warm White Surface Mount Device
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
A-BRIGHT Inc
62-217BSW1C2 A-BRIGHT-62-217BSW1C2 Datasheet
657Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BUW1C1 A-BRIGHT-62-217BUW1C1 Datasheet
636Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C2 A-BRIGHT-62-217BSW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power Warm White Surface Mount Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com