Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHC1-4080-1203 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LHC1-4080-1203
Description  Uniform, High Efficacy and Easy-to-Design Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHC1-4080-1203 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LHC1-4080-1203 Datasheet HTML 4Page - Lumileds Lighting Company LHC1-4080-1203 Datasheet HTML 5Page - Lumileds Lighting Company LHC1-4080-1203 Datasheet HTML 6Page - Lumileds Lighting Company LHC1-4080-1203 Datasheet HTML 7Page - Lumileds Lighting Company LHC1-4080-1203 Datasheet HTML 8Page - Lumileds Lighting Company LHC1-4080-1203 Datasheet HTML 9Page - Lumileds Lighting Company LHC1-4080-1203 Datasheet HTML 10Page - Lumileds Lighting Company LHC1-4080-1203 Datasheet HTML 11Page - Lumileds Lighting Company LHC1-4080-1203 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LUXEON CoB Datasheet DS115 20140328 ©2014 Philips Lumileds Lighting Company.
7
Typical Forward Current Characteristics
LUXEON CoB LHC1 – xxxx – xxxx, Junction Temperature = 85°C
Figure 3. Forward current vs. forward voltage.
LUXEON CoB: LHC1 – xxxx – 1202
LUXEON CoB: LHC1 – xxxx – 1203
LUXEON CoB: LHC1 – xxxx – 1204
LUXEON CoB: LHC1 – xxxx – 1205
LUXEON CoB: LHC1 – xxxx – 1208


Similar Part No. - LHC1-4080-1203

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LHC1-4080-1208 LUMILEDS-LHC1-4080-1208 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
More results

Similar Description - LHC1-4080-1203

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com