Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212B7106KG-TD Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # LMK212B7106KG-TD
Description  Please read this notice before using the TAIYO YUDEN products
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LMK212B7106KG-TD Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LMK212B7106KG-TD Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
c_mlcc_reli_e-01
6. Capacitance (Tolerance)
Specified
Value
Temperature
Compensating(Class1)
Standard
C□
U□
SL
0.2pF≦C≦5pF
: ±0.25pF
0.2pF≦C≦10pF
: ±0.5pF
C>10pF
: ±5% or ±10%
High Frequency Type
CH
RH
0.3pF≦C≦2pF
: ±0.1pF
C>2pF
: ±5%
High Permittivity (Class2)
BJ, B7, C6, C7, LD(※) : ±10% or ±20%,
F : +80/-20%
Note: ※LD Low distortion high value multilayer ceramic capacitor
Test
Methods and
Remarks
Class 1
Class 2
Standard
High Frequency Type
C≦10μF
C>10μF
Preconditioning
None
Thermal treatment (at 150℃ for 1hr) Note 2
Measuring frequency
1MHz±10%
1kHz±10%
120±10Hz
Measuring voltage Note
0.5 to 5Vrms
1±0.2Vrms
0.5±0.1rms
Bias application
one
7. Q or Dissipation Factor
Specified
Value
Temperature
Compensating(Class1)
Standard
C<30pF : Q≧400+20C
C≧30pF : Q≧1000
(C:Nominal capacitance)
High Frequency Type
Refer to detailed specification
High Permittivity (Class2) Note 1
BJ, B7, C6, C7:2.5% max.,
F:7% max.
Test
Methods and
Remarks
Class 1
Class 2
Standard
High Frequency Type
C≦10μF
C>10μF
Preconditioning
None
Thermal treatment (at 150℃ for 1hr) Note 2
Measuring frequey
1MHz±10%
1GHz
1kHz±10%
120±10Hz
Measuring voltage Note 1
0.5 to 5Vrms
1±0.2Vrms
0.5±0.1Vrms
Bias application
None
High Frequency Type
Measuring equipment
: HP4291A
Measuring jig
: HP16192A
8. Temperature Characteristic (Without voltage application)
Specified
Value
Temperature
Compensating(Class1)
Standard
Temperature Characteristic [ppm/℃]
Tolerance [ppm/℃]
C□ :
0
CH, CJ, CK
H : ±60
J : ±120
K : ±250
U□ : -750
UJ, UK
SL
: +350 to -1000
High Frequency Type
Temperature Characteristic [ppm/℃]
Tolerance [ppm/℃]
C□ :
0
CH
H : ±60
R□ : -220
RH
High Permittivity (Class2)
Specification
Capacitance
change
Reference
temperature
Temperature Range
BJ
B
±10%
20℃
-25 to +85℃
X5R
±15%
25℃
-55 to +85℃
B7
X7R
±15%
25℃
-55 to +125℃
C6
X6S
±22%
25℃
-55 to +105℃
C7
X7S
±22%
25℃
-55 to +125℃
LD(※)
X5R
±15%
25℃
-55 to +85℃
F
F
+30/-80%
20℃
-25 to +85℃
Y5V
+22/-82%
25℃
-30 to +85℃
Note : ※LD
Low distortion high value multilayer ceramic capacitor
Test
Methods and
Remarks
Class 1
Capacitance at 20℃ and 85℃ shall be measured in thermal equilibrium, and the temperature characteristic shall be calculated from the
following equation.
(C
85-C20
×106(ppm/℃)
C
20×△T
△T=65
Class 2
Capacitance at each step shall be measured in thermal equilibrium, and the temperature characteristic shall be calculated from the following
equation.
Step
B、F
X5R、X7R、X6S、X7S、Y5V
1
Minimum operating temperature
2
20℃
25℃
3
Maximum operating temperature


Similar Part No. - LMK212B7106KG-TD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
LMK212B7106MG TOREX-LMK212B7106MG Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Taiyo Yuden (U.S.A.), I...
LMK212B7106MG TAIYO-YUDEN-LMK212B7106MG Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products?
More results

Similar Description - LMK212B7106KG-TD

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com