Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM3195C1H152JA01D Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GRM3195C1H152JA01D
Description  This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM3195C1H152JA01D Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GRM3195C1H152JA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM3195C1H152JA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM3195C1H152JA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM3195C1H152JA01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM3195C1H152JA01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM3195C1H152JA01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM3195C1H152JA01D Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM3195C1H152JA01D Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GRM3195C1H152JA01D Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
1.3 Tapes for capacitors are wound clockwise shown in Fig.3.
(The sprocket holes are to the right as the tape is pulled toward the user.)
1.4 Part of the leader and part of the vacant section are attached as follows.
(in:mm)
1.5 Accumulate pitch : 10 of sprocket holes pitch = 40±0.3mm
1.6 Chip in the tape is enclosed by top tape and bottom tape as shown in Fig.1.
1.7 The top tape and base tape are not attached at the end of the tape for a minimum of 5 pitches.
1.8 There are no jointing for top tape and bottom tape.
1.9 There are no fuzz in the cavity.
1.10 Break down force of top tape : 5N min.
Break down force of bottom tape : 5N min. (Only a bottom tape existence )
1.11 Reel is made by resin and appeaser and dimension is shown in Fig 2.
There are possibly to change the material and dimension due to some impairment.
1.12 Peeling off force : 0.1N to 0.6N
* in the direction as shown below.
* GR□02/03:0.05N~0.5N
1.13 Label that show the customer parts number, our parts number, our company name, inspection
number and quantity, will be put in outside of reel.
Package
GRM/F Type
図1 チップ詰め状態
(単位:mm)
Tail vacant Section
Chip-mounting Unit
Leader vacant Section
Leader Unit
(Top Tape only)
Direction
of Feed
160 min.
190 min.
210 min.
図1 チップ詰め状態
(単位:mm)
165~180°
Top tape
JEMCGP-01796
11


Similar Part No. - GRM3195C1H152JA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM3195C1H152JA01D MURATA1-GRM3195C1H152JA01D Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM3195C1H152JA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71H561KA01D MURATA-GRM155R71H561KA01D Datasheet
742Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM155R71C103KA01J MURATA-GRM155R71C103KA01J Datasheet
742Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GRM155R60J104KA01D MURATA-GRM155R60J104KA01D Datasheet
748Kb / 29P
   This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
GNM212R61C474MA16 MURATA-GNM212R61C474MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM1M25C1H470KD01 MURATA-GNM1M25C1H470KD01 Datasheet
602Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM214C80J105MEA2 MURATA-GNM214C80J105MEA2 Datasheet
679Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM1M25C1H680KD01 MURATA-GNM1M25C1H680KD01 Datasheet
602Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A105MA13 MURATA-GNM212R61A105MA13 Datasheet
603Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61A225ME16 MURATA-GNM212R61A225ME16 Datasheet
667Kb / 24P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
GNM212R61C105MA16 MURATA-GNM212R61C105MA16 Datasheet
703Kb / 25P
   This product specification is applied to Chip Monolithic Ceramic Capacitor, Capacitor Arrays used for General Electronic equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com