Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMA-PH02-0070 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXMA-PH02-0070
Description  Automotive Specification
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXMA-PH02-0070 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXMA-PH02-0070 Datasheet HTML 3Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 4Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 5Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 6Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 7Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 8Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 9Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 10Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LUXEON Rebel Automotive Specification Datasheet DS58 20121129
7
Typical Electrical Characteristics at 700 mA for LUXEON Rebel,
Junction Temperature,T
j = 25ºC
Table 4.
Typical Forward Voltage V
f
[1]
Color
(V)
LXMA-PW01-0100
3.06
LXMA-PW01-0110
3.06
LXMA-PH01-0040
3.60
LXMA-PH01-0050
3.60
LXMA-PH02-0060
2.30
LXMA-PH02-0070
2.30
LXMA-PL01-0023
3.60
LXMA-PL01-0030
3.60
LXMA-PL01-0040
3.60
LXMA-PL02-0080
3.06
LXMA-PL02-0090
3.06
LXMA-PL02-0100
3.06
Note for Table 4:
1. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
Electrical Characteristics


Similar Part No. - LXMA-PH02-0070

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXMA-PH02-0070 LUMILEDS-LXMA-PH02-0070 Datasheet
1Mb / 19P
   High flux solution for signaling applications
More results

Similar Description - LXMA-PH02-0070

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B225KBH4PNE SAMSUNG-CL31B225KBH4PNE Datasheet
127Kb / 2P
   Specification of Automotive MLCC
logo
ATMEL Corporation
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
ATTINY45 ATMEL-ATTINY45_14 Datasheet
1Mb / 22P
   Appendix A - ATtiny45 Automotive specification at 150
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com