Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXK8-PW27-0012A Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LXK8-PW27-0012A
Description  High efficacy plug and play array solution with precise flux, Vf and color
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK8-PW27-0012A Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LXK8-PW27-0012A Datasheet HTML 4Page - Lumileds Lighting Company LXK8-PW27-0012A Datasheet HTML 5Page - Lumileds Lighting Company LXK8-PW27-0012A Datasheet HTML 6Page - Lumileds Lighting Company LXK8-PW27-0012A Datasheet HTML 7Page - Lumileds Lighting Company LXK8-PW27-0012A Datasheet HTML 8Page - Lumileds Lighting Company LXK8-PW27-0012A Datasheet HTML 9Page - Lumileds Lighting Company LXK8-PW27-0012A Datasheet HTML 10Page - Lumileds Lighting Company LXK8-PW27-0012A Datasheet HTML 11Page - Lumileds Lighting Company LXK8-PW27-0012A Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LUXEONKDatasheetDS10220140404©2014PhilipsLumiledsLightingCompany.
7
AbsoluteMaximumRatings
Table 7.
Parameter
Maximum Performance
LXKx-Pxxx-x004/x006/x008/
x012/x016/x024
LXKx-Pxxx-x403/x404
LXKx-Pxxx-x206
DCForwardCurrent(mA)
1050
300
600
PeakPulsedForwardCurrent(mA)
1050
300
600
ESDSensitivity
<8000VHumanBodyModel(HBM)Class3AJESD22-A114-E
<400VMachineModel(MM)ClassBJESD22-A115-B
LEDJunctionTemperature[1]
125°C
OperatingCaseTemperature
-40°C-125°C
StorageTemperature
-40°C-125°C
ReverseVoltage(V
r)
SeeNote2
Notes for Table 7:
1. Propercurrentderatingmustbeobservedtomaintainjunctiontemperaturebelowthemaximum.
2. LUXEONPowerLEDsarenotdesignedtobedriveninreversebias.
ElectricalLeadSolderingCharacteristics
PleaserefertoApplicationBriefAB102forLUXEONK.


Similar Part No. - LXK8-PW27-0012A

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW27-0012A LUMILEDS-LXK8-PW27-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
More results

Similar Description - LXK8-PW27-0012A

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW40-0012A LUMILEDS-LXK8-PW40-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solution with precise flux, V and color
DS102 LUMILEDS-DS102 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
   High Flux Density and Efficacy
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Lumileds Lighting Compa...
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com