Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXCL-PWF4 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXCL-PWF4
Description  Power Light Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXCL-PWF4 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXCL-PWF4 Datasheet HTML 3Page - Lumileds Lighting Company LXCL-PWF4 Datasheet HTML 4Page - Lumileds Lighting Company LXCL-PWF4 Datasheet HTML 5Page - Lumileds Lighting Company LXCL-PWF4 Datasheet HTML 6Page - Lumileds Lighting Company LXCL-PWF4 Datasheet HTML 7Page - Lumileds Lighting Company LXCL-PWF4 Datasheet HTML 8Page - Lumileds Lighting Company LXCL-PWF4 Datasheet HTML 9Page - Lumileds Lighting Company LXCL-PWF4 Datasheet HTML 10Page - Lumileds Lighting Company LXCL-PWF4 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LUXEONFlash4DatasheetDS4920130613©2013PhilipsLumiledsLightingCompany.
6
Reflow Soldering Temperature Profile
Table 5.
Profile Feature
Lead Free Assembly
AverageRamp-UpRate(Ts
maxtoTp)
3°C/secondmax
PreheatTemperatureMin(Ts
min)
150°C
PreheatTemperatureMax(Ts
max)
200°C
PreheatTime(ts
mintotsmax)
60-180seconds
Temperature(T
L)
217°C
TimeMaintainedAboveTemperature(t
L)
60-150seconds
Peak/ClassificationTemperature(T
p)
260°C
TimeWithin5°CofActualTemperature(t
p)
20-40seconds
Ramp-DownRate
6°C/secondmax
Time25°CtoPeakTemperature
8minutesmax
Note for Table 5:
1. AlltemperaturesrefertotheapplicationPrintedCircuitBoard(PCB),measuredonthesurfaceadjacenttothepackagebody.
JEDEC020c


Similar Part No. - LXCL-PWF4

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXCL-PWF1 LUMILEDS-LXCL-PWF1 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
LXCL-PWF3 LUMILEDS-LXCL-PWF3 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
More results

Similar Description - LXCL-PWF4

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXCL-EL05 LUMILEDS-LXCL-EL05 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EW06 LUMILEDS-LXCL-EW06 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EYW4 LUMILEDS-LXCL-EYW4 Datasheet
1Mb / 18P
   Power Light Source
LXCL-LW07 LUMILEDS-LXCL-LW07 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EY17 LUMILEDS-LXCL-EY17 Datasheet
1Mb / 17P
   Power Light Source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com