Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXCL-EYW4 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LXCL-EYW4
Description  Power Light Source
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXCL-EYW4 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LXCL-EYW4 Datasheet HTML 1Page - Lumileds Lighting Company LXCL-EYW4 Datasheet HTML 2Page - Lumileds Lighting Company LXCL-EYW4 Datasheet HTML 3Page - Lumileds Lighting Company LXCL-EYW4 Datasheet HTML 4Page - Lumileds Lighting Company LXCL-EYW4 Datasheet HTML 5Page - Lumileds Lighting Company LXCL-EYW4 Datasheet HTML 6Page - Lumileds Lighting Company LXCL-EYW4 Datasheet HTML 7Page - Lumileds Lighting Company LXCL-EYW4 Datasheet HTML 8Page - Lumileds Lighting Company LXCL-EYW4 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LUXEON C Datasheet DS41 20130517
4
LUXEON C at Test Current (350 mA)
Thermal Pad Temperature = 25ºC
Table 1.
Parameter
Min.
Typ.
Max.
Units
Luminous Flux1
80
95
lm
Forward Voltage2
2.80
2.95
3.57
V
Color Temperature3
5028K
5310K
5665K
CRI
75
Dynamic Resistance4
0.64
Temp Coefficient of Forward Voltage5
-3.0
mV/°C
Thermal Resistance, junction-case
8
°C/W
Viewing Angle
120
deg
Notes for Table 1:
1. Philips Lumileds maintains a tester tolerance of ±10% on flux measurements.
2. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
3. Philips Lumileds maintains a tester tolerance of ±0.005 (x,y) color coordinate measurements.
4. Dynamic resistance is the inverse of the slope in linear forward voltage curve and is measured at I
f = 350 mA.
5. Measured between 25°C [ T
J [ 110°C at If = 350 mA.
Electrical and Optical Characteristics


Similar Part No. - LXCL-EYW4

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXCL-EY17 LUMILEDS-LXCL-EY17 Datasheet
1Mb / 17P
   Power Light Source
More results

Similar Description - LXCL-EYW4

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXCL-PWF4 LUMILEDS-LXCL-PWF4 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EL05 LUMILEDS-LXCL-EL05 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EW06 LUMILEDS-LXCL-EW06 Datasheet
1Mb / 17P
   Power Light Source
LXCL-LW07 LUMILEDS-LXCL-LW07 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EY17 LUMILEDS-LXCL-EY17 Datasheet
1Mb / 17P
   Power Light Source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com