Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXAC-1830 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LXAC-1830
Description  High Voltage LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXAC-1830 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LXAC-1830 Datasheet HTML 4Page - Lumileds Lighting Company LXAC-1830 Datasheet HTML 5Page - Lumileds Lighting Company LXAC-1830 Datasheet HTML 6Page - Lumileds Lighting Company LXAC-1830 Datasheet HTML 7Page - Lumileds Lighting Company LXAC-1830 Datasheet HTML 8Page - Lumileds Lighting Company LXAC-1830 Datasheet HTML 9Page - Lumileds Lighting Company LXAC-1830 Datasheet HTML 10Page - Lumileds Lighting Company LXAC-1830 Datasheet HTML 11Page - Lumileds Lighting Company LXAC-1830 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LUXEONH50-2DatasheetDS11020130716©2013PhilipsLumiledsLightingCompany.
7
Mechanical Dimensions
Notes for Figure 2:
1. Donothandlethedevicebythelens.Excessiveforceonthelensmaydamagethelensitselfortheinteriorofthedevice.
2. Drawingsnottoscale.
3. Alldimensionsareinmillimeters.
4. Thethermalpadiselectricallyisolatedfromtheanodeandcathodecontactpads.
3.70±0.10
1.85±0.07
3.00±0.05
1.75
1.75
0.230 A B
A
B
2.018 0.08
0.56±0.06
0.35±0.05
0.25
1.25±0.05
1.85±0.05
0.55±0.03
0.55±0.03
1.45±0.05
1.75
1.75
0.35±0.05
1.30±0.05
0.21±0.05
0.73±0.05
3X FIDUCIAL
LOCATED FRONT SIDE
SHOWN FOR
REFERENCE ONLY
FRAME
HEAT PAD
(ISOLATED)
ANODE
CATHODE
LASER MARK
AREA (ISOLATED)
CL
CL
0.200 A B
BACK SIDE METALIZATION CENTER
TOLERENCE RELATIVE TO
FRONT SIDE FIDUCIALS
Figure 2.


Similar Part No. - LXAC-1830

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA03B600 POWERINT-LXA03B600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LXA03B600 POWERINT-LXA03B600 Datasheet
288Kb / 8P
   600 V, 3 A X-Series PFC Diode
November 2013
LXA03D530 POWERINT-LXA03D530 Datasheet
428Kb / 8P
   530 V, 3 A X-Series Diode
April 2015
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LXA03T600 POWERINT-LXA03T600 Datasheet
288Kb / 8P
   600 V, 3 A X-Series PFC Diode
November 2013
More results

Similar Description - LXAC-1830

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LI2040-HV5-PF LIGITEK-LI2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LY3330-HV12-PF LIGITEK-LY3330-HV12-PF Datasheet
128Kb / 6P
   HIGH VOLTAGE LED LAMPS
LE3330-HV12-PF LIGITEK-LE3330-HV12-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG2040-HV5-PF LIGITEK-LG2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LYG75363-HV5-PF LIGITEK-LYG75363-HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
   High Voltage LED Driver
logo
LIGITEK electronics co....
LI32640-HV12-PF-FD LIGITEK-LI32640-HV12-PF-FD Datasheet
196Kb / 7P
   HIGH VOLTAGE LED LAMPS
logo
IK Semicon Co., Ltd
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
   HIGH-VOLTAGE LED DRIVER
logo
LIGITEK electronics co....
LFI2060-HV48-O-PF LIGITEK-LFI2060-HV48-O-PF Datasheet
98Kb / 6P
   HIGH VOLTAGE LED LAMPS
LSEG75363-HV5-PF LIGITEK-LSEG75363-HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com