Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHDF-RB10500005000 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LHDF-RB10500005000
Description  Chip Scale Package LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHDF-RB10500005000 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LHDF-RB10500005000 Datasheet HTML 4Page - Lumileds Lighting Company LHDF-RB10500005000 Datasheet HTML 5Page - Lumileds Lighting Company LHDF-RB10500005000 Datasheet HTML 6Page - Lumileds Lighting Company LHDF-RB10500005000 Datasheet HTML 7Page - Lumileds Lighting Company LHDF-RB10500005000 Datasheet HTML 8Page - Lumileds Lighting Company LHDF-RB10500005000 Datasheet HTML 9Page - Lumileds Lighting Company LHDF-RB10500005000 Datasheet HTML 10Page - Lumileds Lighting Company LHDF-RB10500005000 Datasheet HTML 11Page - Lumileds Lighting Company LHDF-RB10500005000 Datasheet HTML 12Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LUXEON Flip Chip DS116 20131105 ©2013 Philips Lumileds Lighting Company.
10
Bin Structure for LUXEON Flip Chip
LUXEON Flip Chip is characterized at T
j = 25°C, If = 350 mA and sor ted on bin sheets. A specific bin sheet only contains
LUXEON Flip Chip within a single bin for radiometric power, peak wavelength, and forward voltage. An order for a specific
part number at a given peak wavelength bin can be filled from any bin combination of radiometric flux and forward voltage.
Bin sheets are labeled by a four digit alphanumeric CAT code ABCD following the format below.
Table 5.
A
BC
D
Radiometric Power (mW)[1]
Peak Wavelength (nm) [2]
Forward Voltage (V)
Bin Code
Min.
Max.
Bin Code
Min.
Max.
Bin Code
Min.
Max.
E
450
500
3x
440
445
7
2.7
2.8
F
500
550
4x
445
450
8
2.8
2.9
G
550
600
5x
450
455
9
2.9
3.0
H
600
650
6x
455
460
0
3.0
3.1
Notes for Table 5:
1. Radiometric power values are based on a die packaged on ceramic tile with high reflective surface and dome encapsulation.
The availability of flux bins will vary depending on peak wavelength.
2. Limited availability for bin 3x and 6x.


Similar Part No. - LHDF-RB10500005000

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
LHD-10-TRB ADAM-TECH-LHD-10-TRB Datasheet
73Kb / 1P
   POWER HEADER
LHD-XX-TRA ADAM-TECH-LHD-XX-TRA Datasheet
106Kb / 1P
   909 Rahway Avenue
LHD-XX-TRA-V0 ADAM-TECH-LHD-XX-TRA-V0 Datasheet
76Kb / 1P
   POWER HEADER
LHD-XX-TRB ADAM-TECH-LHD-XX-TRB Datasheet
74Kb / 1P
   POWER HEADER STRAIGHT
LHD-XX-TS ADAM-TECH-LHD-XX-TS Datasheet
77Kb / 1P
   WIRE HOUSING STRAIGHT
More results

Similar Description - LHDF-RB10500005000

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
CS280 XILINX-CS280 Datasheet
47Kb / 1P
   Ball Chip Scale Package
logo
Lumileds Lighting Compa...
PB116 LUMILEDS-PB116 Datasheet
1Mb / 2P
   High current density Chip Scale Package (CSP) LED
DS116 LUMILEDS-DS116 Datasheet
1Mb / 17P
   High current density Chip Scale Package (CSP) LED
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 02-Jul-08
logo
California Micro Device...
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
   ESD Protection Arrays, Chip Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com