Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHC1-2790-1208 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LHC1-2790-1208
Description  Uniform, High Efficacy and Easy-to-Design Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHC1-2790-1208 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LHC1-2790-1208 Datasheet HTML 1Page - Lumileds Lighting Company LHC1-2790-1208 Datasheet HTML 2Page - Lumileds Lighting Company LHC1-2790-1208 Datasheet HTML 3Page - Lumileds Lighting Company LHC1-2790-1208 Datasheet HTML 4Page - Lumileds Lighting Company LHC1-2790-1208 Datasheet HTML 5Page - Lumileds Lighting Company LHC1-2790-1208 Datasheet HTML 6Page - Lumileds Lighting Company LHC1-2790-1208 Datasheet HTML 7Page - Lumileds Lighting Company LHC1-2790-1208 Datasheet HTML 8Page - Lumileds Lighting Company LHC1-2790-1208 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LUXEON CoB Datasheet DS115 20140328 ©2014 Philips Lumileds Lighting Company.
4
Table 2. Optical Characteristics
Nominal
CCT
Typical Total Included Angle [1] (degrees)
Typical Viewing Angle [1]
u
0.90V
2u1/2
LHC1 - xxxx - xxxx
125
100
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
Electrical Characteristics
Table 3. Electrical Characteristics
Nominal
CCT
Part
Number
Forward Voltage V, 85°C (V)
Typical Temperature
Coefficient of Forward
Voltage [1] (mV/°C)
DV
F / DTJ
Typical Thermal Resistance
Junction to Case [2] (°C/W)
Ru
J-C
Minimum
Typical
Maximum
2700K to 5700K
LHC1-xxxx-1202
33
35.5
38
-16
0.67
2700K to 5700K
LHC1-xxxx-1203
33
35.5
38
-16
0.49
2700K to 5700K
LHC1-xxxx-1204
33
35.5
38
-16
0.40
2700K to 5700K
LHC1-xxxx-1205
33
35.5
38
-16
0.32
2700K to 5700K
LHC1-xxxx-1208
33
35.5
38
-16
0.22
Notes for Table 3:
1. Measured between T
j = 25°C and Tj = 105°C at test current.
2. Junction temperature to back of PCB.
Absolute Maximum Ratings
Table 4. Operating Condition and Ratings
Parameter
Maximum Performance
DC Forward Current
2x test current [2]
ESD Sensitivity
< 8000V Human Body Model (HBM) Class 3A JESD22-A114-E
< 400V Machine Model (MM) Class B JESD22-A115-B
Storage Temperature
-40°C - 120°C
LED Junction Temperature [1]
125°C
Operating Case Temperature at Nominal Current
-40°C - 105°C
Reverse Voltage
LUXEON CoB is not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain junction temperature below the maximum, please see preliminary application brief for additional information on thermal measurement
guidelines.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple’, with frequencies
≥ 100 Hz and amplitude ±20% are acceptable,
assuming the average current throughout each cycle does not exceed 2x test If.


Similar Part No. - LHC1-2790-1208

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LHC1-2790-1208 LUMILEDS-LHC1-2790-1208 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
More results

Similar Description - LHC1-2790-1208

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com