Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LACL-C2S-0350 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LACL-C2S-0350
Description  Automotive Forward Lighting Source
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LACL-C2S-0350 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LACL-C2S-0350 Datasheet HTML 3Page - Lumileds Lighting Company LACL-C2S-0350 Datasheet HTML 4Page - Lumileds Lighting Company LACL-C2S-0350 Datasheet HTML 5Page - Lumileds Lighting Company LACL-C2S-0350 Datasheet HTML 6Page - Lumileds Lighting Company LACL-C2S-0350 Datasheet HTML 7Page - Lumileds Lighting Company LACL-C2S-0350 Datasheet HTML 8Page - Lumileds Lighting Company LACL-C2S-0350 Datasheet HTML 9Page - Lumileds Lighting Company LACL-C2S-0350 Datasheet HTML 10Page - Lumileds Lighting Company LACL-C2S-0350 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LUXEON Altilon Datasheet DS66 20130320
7
Electrical Characteristics
Table 2.
Test Condition
1000 mA Pulsed Operation
Dynamic
Form
Case Temperature T
c = 25°C
Resistance [3]
Factor
Forward Voltage V
f
[1,2]
(Ω)
(V)
R
D
Min.
Typical
Max.
1x2
5.6
6.4
7.5
1.2
1x4
11.2
12.7
15.0
1.8
Notes for Table 2:
1. Philips Lumileds tests forward voltage values via a pulsed measurement at junction temperature of 25°C.
2. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
3. Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs.
ESD Protection
Diode
ESD Protection
Diode
1x4 Configuration
1x2 Configuration
Figure 4. Electrical schematic of forward lighting sources.


Similar Part No. - LACL-C2S-0350

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
LAC1-05050520-110110 CARLINGTECH-LAC1-05050520-110110 Datasheet
559Kb / 3P
   LAC1-Series: Telecom AC PDC
logo
Siemens Semiconductor G...
LAC876-PO SIEMENS-LAC876-PO Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LAC9SM OSRAM-LAC9SM Datasheet
276Kb / 15P
   SMD ceramic package with silicon resin
logo
List of Unclassifed Man...
LACC-1128 ETC2-LACC-1128 Datasheet
29Kb / 1P
   Axial Conformal Coated Inductor
logo
Caliber Electronics Inc...
LACC-1128 CALIBER-LACC-1128 Datasheet
30Kb / 1P
   Axial Conformal Coated Inductor
More results

Similar Description - LACL-C2S-0350

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB175 LUMILEDS-PB175 Datasheet
1Mb / 2P
   Automotive forward lighting source
DS175 LUMILEDS-DS175 Datasheet
2Mb / 24P
   Automotive forward lighting source
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
   Exterior Automotive Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
   Automotive Lighting Exterior
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com