Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX18-P135-Y Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LX18-P135-Y
Description  Freedom From Binning
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LX18-P135-Y Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LX18-P135-Y Datasheet HTML 1Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 2Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 3Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 4Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 5Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 6Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 7Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 8Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LUXEON Rebel PLUS Datasheet DS107 20140122 ©2014 Philips Lumileds Lighting Company.
3
Product Selection & Optical Characteristics
Product Selection Guide for LUXEON Rebel PLUS Emitters
Junction Temperature = 85°C
Table 1.
Part
Number
Nominal
ANSI
CCT
Performance @ 350 mA Test Current
Typ. Luminous Flux (lm)
Typ. Forward Voltage (V)
Typ. Efficacy (lm/W)
CRI
Min
Min Luminous
Flux (lm)
Test Condition
°C
350 mA
700 mA
350 mA
700 mA
350 mA
700 mA
LX18-P127-Y
2700K
80
80
85
85
156
2.76
2.85
88
78
LX18-P130-Y
3000K
80
85
85
95
166
2.76
2.85
98
83
LX18-P135-Y
3500K
80
90
85
98
172
2.76
2.85
101
86
LX18-P140-Y
4000K
80
90
85
103
180
2.76
2.85
107
90
LX18-P150-Y
5000K
80
95
85
106
186
2.76
2.85
110
93
Notes for Table 1:
1. Minimum luminous flux performance within published operating conditions. Philips Lumileds maintains a tolerance of ± 6.5% on luminous
flux measurments and ± 2 on CRI measurements.
2. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
Optical Characteristics
LUXEON Rebel PLUS at Test Current [1], Junction Temperature = 85°C
Table 2.
Nominal
CCT
Part Number
Color Temperature [2]
CCT
Typical
Typ Total Included Angle [2]
(degrees) u
0.90V
Typ Viewing Angle [3]
(degrees) 2u 1/2
2700K
LX18-P127-Y
2725K
160
120
3000K
LX18-P130-Y
3045K
160
120
3500K
LX18-P135-Y
3465K
160
120
4000K
LX18-P140-Y
3985K
160
120
5000K
LX18-P150-Y
5028K
160
120
Notes for Table 2:
1. Test current is 350 mA D.C. for all LX18-P1xx emitters.
2. Total angle at which 90% of total luminous flux is captured.
3. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - LX18-P135-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LX18-P135-Y LUMILEDS-LX18-P135-Y Datasheet
1Mb / 2P
   The original high-power LED
More results

Similar Description - LX18-P135-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
logo
List of Unclassifed Man...
LXH8-PW40 ETC1-LXH8-PW40 Datasheet
2Mb / 26P
   Freedom From Binning
logo
OSRAM GmbH
KRDMLS31.23 OSRAM-KRDMLS31.23_16 Datasheet
708Kb / 22P
   Dual Binning
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
OmniVision Technologies...
OV7261 OMNIVISION-OV7261 Datasheet
656Kb / 2P
   supports 2x2 monochrome binning
OV7251 OMNIVISION-OV7251 Datasheet
703Kb / 2P
   supports 2x2 monochrome binning
logo
Seoul Semiconductor
SDW01F1C SEOUL-SDW01F1C Datasheet
851Kb / 27P
   MacAdam 3-step binning
logo
NXP Semiconductors
FRDMCR20AUG NXP-FRDMCR20AUG Datasheet
2Mb / 24P
   Freescale Freedom Development
Rev. 0, 04/2015
logo
Taoglas antenna solutio...
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com