Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX18-P127-Y Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LX18-P127-Y
Description  Freedom From Binning
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LX18-P127-Y Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LX18-P127-Y Datasheet HTML 2Page - Lumileds Lighting Company LX18-P127-Y Datasheet HTML 3Page - Lumileds Lighting Company LX18-P127-Y Datasheet HTML 4Page - Lumileds Lighting Company LX18-P127-Y Datasheet HTML 5Page - Lumileds Lighting Company LX18-P127-Y Datasheet HTML 6Page - Lumileds Lighting Company LX18-P127-Y Datasheet HTML 7Page - Lumileds Lighting Company LX18-P127-Y Datasheet HTML 8Page - Lumileds Lighting Company LX18-P127-Y Datasheet HTML 9Page - Lumileds Lighting Company LX18-P127-Y Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LUXEON Rebel PLUS Datasheet DS107 20140122 ©2014 Philips Lumileds Lighting Company.
5
Reflow Soldering Characteristics
Table 6.
Profile Feature
Lead Free Assembly
Average Ramp-Up Rate ( Ts
max to Tp )
3°C / second max
Preheat Temperature Min ( Ts
min )
150°C
Preheat Temperature Max ( Ts
max )
200°C
Preheat Time (ts
min to tsmax )
60 - 180 seconds
Temperature ( T
L )
217°C
Time Maintained Above Temperature T
L
60 - 150 seconds
Peak / Classification Temperature ( T
P )
260°C
Time Within 5°C of Actual Peak Temperature (t
P)
20 - 40 seconds
Ramp-Down Rate
6°C / second max
Time 25°C to Peak Temperature
8 minutes max
Note for Table 6:
1. All temperatures refer to the application Printed Circuit Board (PCB), measured on the surface adjacent to the package body.
Figure 1. Temperature Profile for Table 6.


Similar Part No. - LX18-P127-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LX18-P127-Y LUMILEDS-LX18-P127-Y Datasheet
1Mb / 2P
   The original high-power LED
More results

Similar Description - LX18-P127-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
logo
List of Unclassifed Man...
LXH8-PW40 ETC1-LXH8-PW40 Datasheet
2Mb / 26P
   Freedom From Binning
logo
OSRAM GmbH
KRDMLS31.23 OSRAM-KRDMLS31.23_16 Datasheet
708Kb / 22P
   Dual Binning
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
OmniVision Technologies...
OV7261 OMNIVISION-OV7261 Datasheet
656Kb / 2P
   supports 2x2 monochrome binning
OV7251 OMNIVISION-OV7251 Datasheet
703Kb / 2P
   supports 2x2 monochrome binning
logo
Seoul Semiconductor
SDW01F1C SEOUL-SDW01F1C Datasheet
851Kb / 27P
   MacAdam 3-step binning
logo
NXP Semiconductors
FRDMCR20AUG NXP-FRDMCR20AUG Datasheet
2Mb / 24P
   Freescale Freedom Development
Rev. 0, 04/2015
logo
Taoglas antenna solutio...
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com