Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C180B Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # C180B
Description  150A PHASE CONTROL SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C180B Datasheet(HTML) 2 Page - Digitron Semiconductors

  C180B Datasheet HTML 1Page - Digitron Semiconductors C180B Datasheet HTML 2Page - Digitron Semiconductors C180B Datasheet HTML 3Page - Digitron Semiconductors C180B Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C180A-C180PC
150A PHASE CONTROL SCR
MECHANICAL CHARACTERISTICS
Case
TO-93
Marking
Alpha-numeric
Pin out
See below
TO-93
Inches
Millimeters
NOMINAL
NOMINAL
A
1.060
26.900
B
0.550
14.000
C
1.500
38.100
D
2.250
57.200
E
1.070
27.200
F
7.910
200.900
G
0.630
16.000
H
0.281
7.140
J
7.910
200.900
K
0.146
3.710
L
1.245
31.620
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - C180B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C180B POWEREX-C180B Datasheet
220Kb / 4P
   Phase Control SCR 150 Amperes Avg 100-1300 Volts
C180B POWEREX-C180B Datasheet
854Kb / 4P
   Phase Control SCR 150 Amperes Average 1600 Volts
logo
New Jersey Semi-Conduct...
C180B NJSEMI-C180B Datasheet
121Kb / 2P
   High Power Silicon Controlled Rectifier
More results

Similar Description - C180B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com