Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP-02 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DP-02
Description  Standard, piano and right angle models
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP-02 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DP-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEM
www.apem.com
F-9
F
DP/DPL series
Piano DIP switches
Long actuator : DPL
Short actuator : DP
MODEL
STRUCTURE
Short or long actuator
• 2 to 12 positions
Note : Push down for "ON" is our standard type.
Push down for "OFF" is also available on special order,
consult factory.
Model No No.
pos.
Dim "A"
Dim. "B"
DP-02
2
2,54 (.100)
DP-03
3
5,08 (.200)
DP-04
4
7,62 (.300)
DP-05
5
10,16 (.400)
DP-06
6
12,70 (.500)
DP-08
8
17,78 (.700)
DP-10
10
22,86 (.900)
DP-12
12
27,94 (1.100)
Top tape sealed : add "T" after model number.
Model No No.
pos.
Dim "A"
Dim. "B"
DPL-02
2
2,54 (.100)
DPL-03
3
5,08 (.200)
DPL-04
4
7,62 (.300)
DPL-05
5
10,16 (.400)
DPL-06
6
12,70 (.500)
DPL-08
8
17,78 (.700)
DPL-10
10
22,86 (.900)
DPL-12
12
27,94 (1.100)
Top tape sealed : add "T" after model number.
8
7
6
5
4
3
2
1
9 10 11 12
1 2 3 4 5 6 7 8
B
A
(.055)
(.023)
0.60
7.62
(.300)
2.54
(.100)
2.54
(.100)
Ø0.97
(.038DIA)
1.40
ON
1.40
(.038DIA)
Ø0.97
(.100)
2.54
(.300)
7.62
(.055)
B
ON
(.100)
2.54
0.60
(.023)
A
8
7
6
5
4
3
2
1
12.57
(.494)
6,44 (.253)
9,18 (.361)
11,72 (.461)
14,26 (.561)
16,80 (.661)
21,88 (.861)
26,96 (1.061)
32,04 (1.261)
6,44 (.253)
9,18 (.361)
11,72 (.461)
14,26 (.561)
16,80 (.661)
21,88 (.861)
26,96 (1.061)
32,04 (1.261)


Similar Part No. - DP-02

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DP-001 ADAM-TECH-DP-001 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
   Digital Pressure Sensor
DP-001-P PANASONIC-DP-001-P Datasheet
800Kb / 10P
   Digital Pressure Sensor
logo
Adam Technologies, Inc.
DP-002 ADAM-TECH-DP-002 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Panasonic Semiconductor
DP-002 PANASONIC-DP-002 Datasheet
800Kb / 10P
   Digital Pressure Sensor
More results

Similar Description - DP-02

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
   Extended and standard temperature range models.
logo
Red Lion Controls. Inc
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH00102 REDLION-ZBH00102 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZHG06004 REDLION-ZHG06004 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH06002 REDLION-ZBH06002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG10002 REDLION-ZBG10002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG00602 REDLION-ZBG00602 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG12002 REDLION-ZBG12002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH10002 REDLION-ZBH10002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
logo
IET Labs Inc.
RS-CS-LS IET-RS-CS-LS Datasheet
301Kb / 2P
   RS Series -- Standard Models
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com