Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1Q0-407000000ZZZ0 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L1Q0-407000000ZZZ0
Description  Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1Q0-407000000ZZZ0 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L1Q0-407000000ZZZ0 Datasheet HTML 1Page - Lumileds Lighting Company L1Q0-407000000ZZZ0 Datasheet HTML 2Page - Lumileds Lighting Company L1Q0-407000000ZZZ0 Datasheet HTML 3Page - Lumileds Lighting Company L1Q0-407000000ZZZ0 Datasheet HTML 4Page - Lumileds Lighting Company L1Q0-407000000ZZZ0 Datasheet HTML 5Page - Lumileds Lighting Company L1Q0-407000000ZZZ0 Datasheet HTML 6Page - Lumileds Lighting Company L1Q0-407000000ZZZ0 Datasheet HTML 7Page - Lumileds Lighting Company L1Q0-407000000ZZZ0 Datasheet HTML 8Page - Lumileds Lighting Company L1Q0-407000000ZZZ0 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LUXEON Q Datasheet DS118 20140109 ©2014 Philips Lumileds Lighting Company.
3
Product Selection & Optical Characteristics
Product Selection Guide for LUXEON Q Emitters
Junction Temperature = 85°C
Table 1.
Typical Performance Characteristics at 350 mA, 700 mA, and 1000 mA for LUXEON Q, Junction Temperature = 85°C
Part Number
Nominal
ANSI CCT
CRI
Luminous Flux (lm) Min
Typical Luminous Flux (lm)
Typical Forward Voltage (V
f)
Typical Efficacy (lm/W)
700 mA
350 mA
350 mA 700 mA 1000 mA 350 mA 700 mA 1000 mA 350 mA 700 mA 1000 mA
L1Q0-278000000zzz0
2700K
80 min
80
100
177
231
2.81
2.93
2.99
102
86
77
L1Q0-308000000zzz0
3000K
80 min
90
102
183
240
2.81
2.93
2.99
104
89
80
L1Q0-358000000zzz0
3500K
80 min
90
106
189
251
2.81
2.93
2.99
108
92
84
L1Q0-407000000zzz0
4000K
70 min
110
123
220
293
2.81
2.93
2.99
125
107
98
L1Q0-577000000zzz0
5700K
70 min
110
127
229
305
2.81
2.93
2.99
129
112
102
Notes for Table 1:
1. Philips Lumileds maintains a tolerance of ± 6.5% on luminous flux and ± 2 on CRI measurements.
Optical Characteristics
LUXEON Q at Test Current [1], Junction Temperature = 85°C
Table 2.
Nominal
ANSI CCT
Part
Number
Typical
Color Temperature
CCT
Typical Total Included Angle [2]
(degrees)
u
0.90V
Typical Viewing Angle [3]
(degrees)
2u 1/2
2700K
L1Q0-278000000zzz0
2725K
160
135
3000K
L1Q0-308000000zzz0
3045K
160
135
3500K
L1Q0-358000000zzz0
3465K
160
135
4000K
L1Q0-407000000zzz0
3985K
160
135
5700K
L1Q0-577000000zzz0
5665K
160
135
Notes for Table 2:
1. Test current is 350 mA D.C. for all L1Q0-xxyy00000zzz0 emitters.
2. Total angle at which 90% of total luminous flux is captured.
3. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - L1Q0-407000000ZZZ0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1Q0-407000000ZZZ0 LUMILEDS-L1Q0-407000000ZZZ0 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
More results

Similar Description - L1Q0-407000000ZZZ0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
L2C4-2780XS01F0600 LUMILEDS-L2C4-2780XS01F0600 Datasheet
3Mb / 18P
   High efficacy with industry standard footprint
20191013
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Lumileds Lighting Compa...
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
MXA8-PW27-0000 LUMILEDS-MXA8-PW27-0000 Datasheet
1Mb / 2P
   High efficacy up to 165 lm/W at 60 Compact 3535 form factor
MXC8-PW27-0000 LUMILEDS-MXC8-PW27-0000 Datasheet
1Mb / 25P
   High efficacy for sustainable design Compact 3535 2D package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com